Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 203Page - Renesas Technology Corp R8C2K Datasheet HTML 204Page - Renesas Technology Corp R8C2K Datasheet HTML 205Page - Renesas Technology Corp R8C2K Datasheet HTML 206Page - Renesas Technology Corp R8C2K Datasheet HTML 207Page - Renesas Technology Corp R8C2K Datasheet HTML 208Page - Renesas Technology Corp R8C2K Datasheet HTML 209Page - Renesas Technology Corp R8C2K Datasheet HTML 210Page - Renesas Technology Corp R8C2K Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 190 of 450
REJ09B0406-0110
16.3.3.4
Forced Cutoff of Pulse Output
When using the timer mode’s output compare function, the PWM mode, or the PWM2 mode, pulse output from
the TRCIOj (j = A, B, C, or D) output pin can be forcibly cut off and the TRCIOj pin set to function as a
programmable I/O port by means of input to the INT0 pin.
A pin used for output by the timer mode’s output compare function, the PWM mode, or the PWM2 mode can be
set to function as the timer RC output pin by setting the Ej bit in the TRCOER register to 0 (timer RC output
enabled). If “L” is input to the INT0 pin while the PTO bit in the TRCOER register is set to 1 (pulse output
forced cutoff signal input INT0 enabled), bits EA, EB, EC, and ED in the TRCOER register are all set to 1
(timer RC output disabled, TRCIOj output pin functions as the programmable I/O port). When one or two
cycles of the timer RC operation clock after “L” input to the INT0 pin (refer to Table 16.11 Timer RC
Operation Clock) has elapsed, the TRCIOj output pin becomes a programmable I/O port.
Make the following settings to use this function.
• Set the pin state following forced cutoff of pulse output (high impedance (input), “L” output, or “H”
output). (Refer to 7. Programmable I/O Ports.)
• Set the INT0EN bit to 1 (INT0 input enabled) and the INT0PL bit to 0 (one edge) in the INTEN register.
• Set the PD4_5 bit in the PD4 register to 0 (input mode).
• Select the INT0 digital filter by means of bits INT0F1 to INT0F0 in the INTF register.
• Set the PTO bit in the TRCOER register to 1 (pulse output forced cutoff signal input INT0 enabled).
The IR bit in the INT0IC register is set to 1 (interrupt request) in accordance with the setting of the POL bit and
a change in the INT0 pin input (refer to 12.6 Notes on Interrupts).
For details on interrupts, refer to 12. Interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com