Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 205Page - Renesas Technology Corp R8C2K Datasheet HTML 206Page - Renesas Technology Corp R8C2K Datasheet HTML 207Page - Renesas Technology Corp R8C2K Datasheet HTML 208Page - Renesas Technology Corp R8C2K Datasheet HTML 209Page - Renesas Technology Corp R8C2K Datasheet HTML 210Page - Renesas Technology Corp R8C2K Datasheet HTML 211Page - Renesas Technology Corp R8C2K Datasheet HTML 212Page - Renesas Technology Corp R8C2K Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 192 of 450
REJ09B0406-0110
16.3.4
Timer Mode (Input Capture Function)
This function measures the width or period of an external signal. An external signal input to the TRCIOj (j = A,
B, C, or D) pin acts as a trigger for transferring the contents of the TRC register (counter) to the TRCGRj
register (input capture). The input capture function, or any other mode or function, can be selected for each
individual pin.
The TRCGRA register can also select fOCO128 signal as input-capture trigger input.
Table 16.16 lists the Specifications of Input Capture Function, Figure 16.44 shows a Block Diagram of Input
Capture Function, Figures 16.45 and 16.46 show the registers associated with the input capture function, Table
16.17 lists the Functions of TRCGRj Register when Using Input Capture Function, and Figure 16.47 shows an
Operating Example of Input Capture Function.
j = A, B, C, or D
Table 16.16
Specifications of Input Capture Function
Item
Specification
Count source
f1, f2, f4, f8, f32, fOCO40M, or external signal (rising edge) input to
TRCCLK pin
Count operation
Increment
Count period
1/fk × 65,536 fk: Count source frequency
Count start condition
1 (count starts) is written to the TSTART bit in the TRCMR register.
Count stop condition
0 (count stops) is written to the TSTART bit in the TRCMR register.
The TRC register retains a value before count stops.
Interrupt request generation
timing
• Input capture (valid edge of TRCIOj input or fOCO128 signal edge)
• The TRC register overflows.
TRCIOA, TRCIOB, TRCIOC,
and TRCIOD pin functions
Programmable I/O port or input capture input (selectable individually by
pin)
INT0 pin function
Programmable I/O port or INT0 interrupt input
Read from timer
The count value can be read by reading TRC register.
Write to timer
The TRC register can be written to.
Select functions
• Input capture input pin select
One or more of pins TRCIOA, TRCIOB, TRCIOC, and TRCIOD
• Input capture input valid edge selected
Rising edge, falling edge, or both rising and falling edges
• Buffer operation (Refer to 16.3.3.2 Buffer Operation.)
• Digital filter (Refer to 16.3.3.3 Digital Filter.)
• Input-capture trigger selected
fOCO128 can be selected for input-capture trigger input of the
TRCGRA register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com