Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 227Page - Renesas Technology Corp R8C2K Datasheet HTML 228Page - Renesas Technology Corp R8C2K Datasheet HTML 229Page - Renesas Technology Corp R8C2K Datasheet HTML 230Page - Renesas Technology Corp R8C2K Datasheet HTML 231Page - Renesas Technology Corp R8C2K Datasheet HTML 232Page - Renesas Technology Corp R8C2K Datasheet HTML 233Page - Renesas Technology Corp R8C2K Datasheet HTML 234Page - Renesas Technology Corp R8C2K Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 214 of 450
REJ09B0406-0110
16.3.8
Timer RC Interrupt
Timer RC generates a timer RC interrupt request from five sources. The timer RC interrupt uses the single
TRCIC register (bits IR and ILVL0 to ILVL2) and a single vector.
Table 16.24 lists the Registers Associated with Timer RC Interrupt, and Figure 16.62 is a Timer RC Interrupt
Block Diagram.
Figure 16.62
Timer RC Interrupt Block Diagram
Like other maskable interrupts, the timer RC interrupt is controlled by the combination of the I flag, IR bit, bits
ILVL0 to ILVL2, and IPL. However, it differs from other maskable interrupts in the following respects because
a single interrupt source (timer RC interrupt) is generated from multiple interrupt request sources.
• The IR bit in the TRCIC register is set to 1 (interrupt requested) when a bit in the TRCSR register is set to
1 and the corresponding bit in the TRCIER register is also set to 1 (interrupt enabled).
• The IR bit is set to 0 (no interrupt request) when the bit in the TRCSR register or the corresponding bit in
the TRCIER register is set to 0, or both are set to 0. In other words, the interrupt request is not maintained
if the IR bit is once set to 1 but the interrupt is not acknowledged.
• If after the IR bit is set to 1 another interrupt source is triggered, the IR bit remains set to 1 and does not
change.
• If multiple bits in the TRCIER register are set to 1, use the TRCSR register to determine the source of the
interrupt request.
• The bits in the TRCSR register are not automatically set to 0 when an interrupt is acknowledged. Set them
to 0 within the interrupt routine. Refer to Figure 16.32 TRCSR Register, for the procedure for setting
these bits to 0.
Refer to Figure 16.31 TRCIER Register, for details of the TRCIER register.
Refer to 12.1.6 Interrupt Control, for details of the TRCIC register and 12.1.5.2 Relocatable Vector Tables,
for information on interrupt vectors.
Table 16.24
Registers Associated with Timer RC Interrupt
Timer RC Status Register
Timer RC Interrupt Enable Register
Timer RC Interrupt Control Register
TRCSR
TRCIER
TRCIC
Timer RC interrupt request
(IR bit in TRCIC register)
IMFA bit
IMIEA bit
IMFB bit
IMIEB bit
IMFC bit
IMIEC bit
IMFD bit
IMIED bit
OVF bit
OVIE bit
IMFA, IMFB, IMFC, IMFD, OVF: Bits in TRCSR register
IMIEA, IMIEB, IMIEC, IMIED, OVIE: Bits in TRCIER register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com