Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 223Page - Renesas Technology Corp R8C2K Datasheet HTML 224Page - Renesas Technology Corp R8C2K Datasheet HTML 225Page - Renesas Technology Corp R8C2K Datasheet HTML 226Page - Renesas Technology Corp R8C2K Datasheet HTML 227Page - Renesas Technology Corp R8C2K Datasheet HTML 228Page - Renesas Technology Corp R8C2K Datasheet HTML 229Page - Renesas Technology Corp R8C2K Datasheet HTML 230Page - Renesas Technology Corp R8C2K Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 210 of 450
REJ09B0406-0110
Figure 16.58
TRCCR1 Register in PWM2 Mode
j = A, B, C, or D
BFC, BFD: Bits in TRCMR register
NOTE:
1. Do not set the TRCGRB and TRCGRC registers to the same value.
Table 16.23
Functions of TRCGRj Register in PWM2 Mode
Register
Setting
Register Function
PWM2 Output Pin
TRCGRA
−
General register. Set the PWM period.
TRCIOB pin
TRCGRB
−
General register. Set the PWM output change point.
TRCGRC
BFC = 0
General register. Set the PWM output change point (wait time
after trigger).
TRCGRD
BFD = 0
(Not used in PWM2 mode)
−
TRCGRD
BFD = 1
Buffer register. Set the next PWM output change point. (Refer to
16.3.3.2 Buffer Operation
.)
TRCIOB pin
Timer RC Control Register 1
Symbol
Address
After Reset
TRCCR1
0121h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
b3 b2
TOD
b1 b0
TOA
b7 b6 b5 b4
0 : Active level “H”
(Initial output “L”
“H” output by compare match in the
TRCGRC register
“L” output by compare match in the
TRCGRB register
1 : Active level “L”
(Initial output “H”
“L” output by compare match in the
TRCGRC register
“H” output by compare match in the
TRCGRB register
RW
RW
TOB
RW
TRCIOA output level select bit(1)
TRCIOB output level select bit(1, 2)
TRCIOC output level select bit(1)
Disabled in the PWM2 mode
Disabled in the PWM2 mode
TOC
RW
RW
RW
RW
TRCIOD output level select bit(1)
RW
If the pin function is set for w aveform output (refer to Tables 7.12 and 7.13), the initial output level is output w hen
the TRCCR1 register is set.
TRC counter clear select bit
TCK2
Set to these bits w hen the TSTART bit in the TRCMR register is set to 0 (count stops).
CCLR
Count source select bits(1)
b6 b5 b4
0 0 0 : f1
0 0 1 : f2
0 1 0 : f4
0 1 1 : f8
1 0 0 : f32
1 0 1 : TRCCLK input rising edge
1 1 0 : fOCO40M
1 1 1 : Do not set.
0 : Disable clear (free-running operation)
1 : Clear by compare match in the
TRCGRA register
TCK0
TCK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com