Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 220Page - Renesas Technology Corp R8C2K Datasheet HTML 221Page - Renesas Technology Corp R8C2K Datasheet HTML 222Page - Renesas Technology Corp R8C2K Datasheet HTML 223Page - Renesas Technology Corp R8C2K Datasheet HTML 224Page - Renesas Technology Corp R8C2K Datasheet HTML 225Page - Renesas Technology Corp R8C2K Datasheet HTML 226Page - Renesas Technology Corp R8C2K Datasheet HTML 227Page - Renesas Technology Corp R8C2K Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 207 of 450
REJ09B0406-0110
Figure 16.56
Operating Example of PWM Mode (Duty 0% and Duty 100%)
Rewritten by
a program
m
p
q
TRC register value
n
m: TRCGRA register setting value
Set to 0 by a program
Rewritten by a program
0000h
q
Duty 0%
TRCGRB register
IMFA bit in
TRCSR register
1
0
IMFB bit in
TRCSR register
1
0
TSTART bit in
TRCMR register
TRCIOB output
p (p>m)
n
1
0
m
p
TRC register value
n
0000h
TRCGRB register
IMFA bit in
TRCSR register
1
0
IMFB bit in
TRCSR register
1
0
TSTART bit in
TRCMR register
TRCIOB output
p
n
1
0
m
The above applies under the following conditions:
• The EB bit in the TRCOER register is set to 0 (output from TRCIOB enabled).
• The TOB bit in the TRCCR1 register is set to 1 (active level is “L”).
TRCIOB output does not switch to “L” because
no compare match with the TRCGRB register
has occurred
If compare matches occur simultaneously with registers TRCGRA and
TRCGRB, the compare match with the TRCGRB register has priority.
TRCIOB output switches to “L”. (In other words, no change).
TRCIOB output switches to “L” at compare match with the
TRCGRB register. (In other words, no change).
Set to 0 by a program
Set to 0 by a program
Duty 100%
Set to 0 by a program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com