Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 216Page - Renesas Technology Corp R8C2K Datasheet HTML 217Page - Renesas Technology Corp R8C2K Datasheet HTML 218Page - Renesas Technology Corp R8C2K Datasheet HTML 219Page - Renesas Technology Corp R8C2K Datasheet HTML 220Page - Renesas Technology Corp R8C2K Datasheet HTML 221Page - Renesas Technology Corp R8C2K Datasheet HTML 222Page - Renesas Technology Corp R8C2K Datasheet HTML 223Page - Renesas Technology Corp R8C2K Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 203 of 450
REJ09B0406-0110
16.3.6
PWM Mode
This mode outputs PWM waveforms. A maximum of three PWM waveforms with the same period are output.
The PWM mode, or the timer mode, can be selected for each individual pin. (However, since the TRCGRA
register is used when using any pin for the PWM mode, the TRCGRA register cannot be used for the timer
mode.)
Table 16.20 lists the Specifications of PWM Mode, Figure 16.53 shows a Block Diagram of PWM Mode,
Figure 16.54 shows the registers associated with the PWM mode, Table 16.21 lists the Functions of TRCGRj
Register in PWM Mode, and Figures 16.55 and 16.56 show Operating Examples of PWM Mode.
j = B, C, or D
h = A, B, C, or D
Table 16.20
Specifications of PWM Mode
Item
Specification
Count source
f1, f2, f4, f8, f32, fOCO40M, or external signal (rising edge) input to
TRCCLK pin
Count operation
Increment
PWM waveform
PWM period: 1/fk × (m + 1)
Active level width: 1/fk × (m - n)
Inactive width: 1/fk × (n + 1)
fk: Count source frequency
m: TRCGRA register setting value
n: TRCGRj register setting value
Count start condition
1 (count starts) is written to the TSTART bit in the TRCMR register.
Count stop condition
0 (count stops) is written to the TSTART bit in the TRCMR register.
PWM output pin retains output level before count stops, TRC register
retains value before count stops.
Interrupt request generation
timing
• Compare match (contents of registers TRC and TRCGRh match)
• The TRC register overflows.
TRCIOA pin function
Programmable I/O port
TRCIOB, TRCIOC, and
TRCIOD pin functions
Programmable I/O port or PWM output (selectable individually by pin)
INT0 pin function
Programmable I/O port, pulse output forced cutoff signal input, or INT0
interrupt input
Read from timer
The count value can be read by reading the TRC register.
Write to timer
The TRC register can be written to.
Select functions
• One to three pins selectable as PWM output pins per channel
One or more of pins TRCIOB, TRCIOC, and TRCIOD
• Active level selectable by individual pin
• Buffer operation (Refer to 16.3.3.2 Buffer Operation.)
• Pulse output forced cutoff signal input (Refer to 16.3.3.4 Forced
Cutoff of Pulse Output.)
m+1
n+1
m-n
(“L” is active level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com