Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 215Page - Renesas Technology Corp R8C2K Datasheet HTML 216Page - Renesas Technology Corp R8C2K Datasheet HTML 217Page - Renesas Technology Corp R8C2K Datasheet HTML 218Page - Renesas Technology Corp R8C2K Datasheet HTML 219Page - Renesas Technology Corp R8C2K Datasheet HTML 220Page - Renesas Technology Corp R8C2K Datasheet HTML 221Page - Renesas Technology Corp R8C2K Datasheet HTML 222Page - Renesas Technology Corp R8C2K Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 202 of 450
REJ09B0406-0110
Figure 16.52
Operating Example of Output Compare Function
Output level held
m
n
p
TRC register value
Count source
m+1
m+1
TSTART bit in
TRCMR register
1
0
TRCIOA output
IMFA bit in
TRCSR register
1
0
n+1
TRCIOB output
“H” output at
compare match
Set to 0 by a program
IMFB bit in
TRCSR register
1
0
Initial output “L”
Initial output “L”
TRCIOC output
Set to 0 by a program
IMFC bit in
TRCSR register
1
0
Initial output “H”
“L” output at compare match
P+1
m: TRCGRA register setting value
n: TRCGRB register setting value
p: TRCGRC register setting value
The above applies under the following conditions:
Count
restarts
Count
stops
Output level held
Set to 0 by a program
• Bits BFC and BFD in the TRCMR register are set to 0 (TRCGRC and TRCGRD do not operate as buffers).
• Bits EA, EB, and EC in the TRCOER register are set to 0 (output from TRCIOA, TRCIOB, and TRCIOC enabled).
• The CCLR bit in the TRCCR1 register is set to 1 (set the TRC register to 0000h by TRCGRA compare match).
• In the TRCCR1 register, bits TOA and TOB are set to 0 (“L” initial output until compare match) and the TOC bit is set to 1 (“H” initial output until
compare match).
• Bits IOA2 to IOA0 in the TRCIOR0 register are set to 011b (TRCIOA output inverted at TRCGRA compare match).
• Bits IOB2 to IOB0 in the TRCIOR0 register are set to 010b (“H” TRCIOB output at TRCGRB compare match).
• Bits IOC2 to IOC2 in the TRCIOR1 register are set to 001b (“L” TRCIOC output at TRCGRC compare match).
Output level held
Output inverted at
compare match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com