Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 214Page - Renesas Technology Corp R8C2K Datasheet HTML 215Page - Renesas Technology Corp R8C2K Datasheet HTML 216Page - Renesas Technology Corp R8C2K Datasheet HTML 217Page - Renesas Technology Corp R8C2K Datasheet HTML 218Page - Renesas Technology Corp R8C2K Datasheet HTML 219Page - Renesas Technology Corp R8C2K Datasheet HTML 220Page - Renesas Technology Corp R8C2K Datasheet HTML 221Page - Renesas Technology Corp R8C2K Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 201 of 450
REJ09B0406-0110
Figure 16.51
TRCCR1 Register for Output Compare Function
j = A, B, C, or D
BFC, BFD: Bits in TRCMR register
Table 16.19
Functions of TRCGRj Register when Using Output Compare Function
Register
Setting
Register Function
Output Compare
Output Pin
TRCGRA
−
General register. Write a compare value to one of these
registers.
TRCIOA
TRCGRB
TRCIOB
TRCGRC
BFC = 0
General register. Write a compare value to one of these
registers.
TRCIOC
TRCGRD
BFD = 0
TRCIOD
TRCGRC
BFC = 1
Buffer register. Write the next compare value to one of
these registers. (Refer to 16.3.3.2 Buffer Operation.)
TRCIOA
TRCGRD
BFD = 1
TRCIOB
Timer RC Control Register 1
Symbol
Address
After Reset
TRCCR1
0121h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
RW
TRC counter clear select bit
TCK2
RW
Set to these bits w hen the TSTART bit in the TRCMR register is set to 0 (count stops).
TOC
RW
RW
RW
RW
TRCIOD output level select bit(1, 2)
CCLR
0 : Initial output “L”
1 : Initial output “H”
Count source select bits(1)
RW
TOB
RW
TRCIOA output level select bit(1, 2)
TRCIOB output level select bit(1, 2)
TOA
TRCIOC output level select bit(1, 2)
b6 b5 b4
0 0 0 : f1
0 0 1 : f2
0 1 0 : f4
0 1 1 : f8
1 0 0 : f32
1 0 1 : TRCCLK input rising edge
1 1 0 : fOCO40M
1 1 1 : Do not set.
0 : Disable clear (free-running
operation)
1 : Clear by compare match in the
TRCGRA register
TCK0
TCK1
b7 b6 b5 b4
If the pin function is set for w aveform output (refer to Tables 7.10 to 7.13 and Tables 7.29 to 7.32), the initial
output level is output w hen the TRCCR1 register is set.
b3 b2
TOD
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com