Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 213Page - Renesas Technology Corp R8C2K Datasheet HTML 214Page - Renesas Technology Corp R8C2K Datasheet HTML 215Page - Renesas Technology Corp R8C2K Datasheet HTML 216Page - Renesas Technology Corp R8C2K Datasheet HTML 217Page - Renesas Technology Corp R8C2K Datasheet HTML 218Page - Renesas Technology Corp R8C2K Datasheet HTML 219Page - Renesas Technology Corp R8C2K Datasheet HTML 220Page - Renesas Technology Corp R8C2K Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 200 of 450
REJ09B0406-0110
Figure 16.50
TRCIOR1 Register for Output Compare Function
Timer RC I/O Control Register 1
Symbol
Address
After Reset
TRCIOR1
0125h
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
TRCGRC mode select bit(1)
Set to 0 (output compare) in the output compare
function.
RW
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
RW
IOC1
IOC0
TRCGRC control bits
b1 b0
0 0 : Disable pin output by compare
match
0 1 : “L” output by compare match in
the TRCGRC register
1 0 : “H” output by compare match in
the TRCGRC register
1 1 : Toggle output by compare match
in the TRCGRC register
b7 b6 b5 b4
0
b3 b2
—
(b3)
b1 b0
0
IOC2
—
(b7)
IOD2
RW
TRCGRD control bits
b5 b4
0 0 : Disable pin output by compare
match
0 1 : “L” output by compare match in
the TRCGRD register
1 0 : “H” output by compare match in
the TRCGRD register
1 1 : Toggle output by compare match
in the TRCGRD register
When the BFD bit in the TRCMR register is set to 1 (buffer register of TRCGRB register), set the IOD2 bit in the
TRCIOR1 register to the same value as the IOB2 bit in the TRCIOR0 register.
—
IOD0
IOD1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
When the BFC bit in the TRCMR register is set to 1 (buffer register of TRCGRA register), set the IOC2 bit in the
TRCIOR1 register to the same value as the IOA2 bit in the TRCIOR0 register.
TRCGRD mode select bit(2)
Set to 0 (output compare) in the output compare
function.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com