Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 218Page - Renesas Technology Corp R8C2K Datasheet HTML 219Page - Renesas Technology Corp R8C2K Datasheet HTML 220Page - Renesas Technology Corp R8C2K Datasheet HTML 221Page - Renesas Technology Corp R8C2K Datasheet HTML 222Page - Renesas Technology Corp R8C2K Datasheet HTML 223Page - Renesas Technology Corp R8C2K Datasheet HTML 224Page - Renesas Technology Corp R8C2K Datasheet HTML 225Page - Renesas Technology Corp R8C2K Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 205 of 450
REJ09B0406-0110
Figure 16.54
TRCCR1 Register in PWM Mode
j = A, B, C, or D
BFC, BFD: Bits in TRCMR register
NOTE:
1. The output level does not change even when a compare match occurs if the TRCGRA register value (PWM
period) is the same as the TRCGRB, TRCGRC, or TRCGRD register value.
Table 16.21
Functions of TRCGRj Register in PWM Mode
Register
Setting
Register Function
PWM Output Pin
TRCGRA
−
General register. Set the PWM period.
−
TRCGRB
−
General register. Set the PWM output change point.
TRCIOB
TRCGRC
BFC = 0
General register. Set the PWM output change point.
TRCIOC
TRCGRD
BFD = 0
TRCIOD
TRCGRC
BFC = 1
Buffer register. Set the next PWM period. (Refer to 16.3.3.2
Buffer Operation
.)
−
TRCGRD
BFD = 1
Buffer register. Set the next PWM output change point. (Refer to
16.3.3.2 Buffer Operation
.)
TRCIOB
Timer RC Control Register 1
Symbol
Address
After Reset
TRCCR1
0121h
00h
Bit Symbol
Bit Name
Function
RW
j = B, C or D
NOTES:
1.
2. If the pin function is set for w aveform output (refer to Tables 7.12 to 7.13 and Tables 7.29 to 7.32), the initial output
level is output w hen the TRCCR1 register is set.
b3 b2
TOD
b1 b0
b7 b6 b5 b4
TRCIOC output level select bit(1, 2)
Disabled in PWM mode
TOA
RW
TOB
RW
TRCIOA output level select bit(1)
TRCIOB output level select bit(1, 2)
Set to these bits w hen the TSTART bit in the TRCMR register is set to 0 (count stops).
TOC
RW
RW
RW
RW
TRCIOD output level select bit(1, 2)
CCLR
0 : Active level “H”
(Initial output “L”
“H” output by compare match in
the TRCGRj register
“L” output by compare match in
the TRCGRA register
1 : Active level “L”
(Initial output “H”
“L” output by compare match in
the TRCGRj register
“H” output by compare match in
the TRCGRA register
RW
RW
TRC counter clear select bit
TCK2
Count source select bits(1)
b6 b5 b4
0 0 0 : f1
0 0 1 : f2
0 1 0 : f4
0 1 1 : f8
1 0 0 : f32
1 0 1 : TRCCLK input rising edge
1 1 0 : fOCO40M
1 1 1 : Do not set.
0 : Disable clear (free-running operation)
1 : Clear by compare match in the
TRCGRA register
TCK0
TCK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com