Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 222Page - Renesas Technology Corp R8C2K Datasheet HTML 223Page - Renesas Technology Corp R8C2K Datasheet HTML 224Page - Renesas Technology Corp R8C2K Datasheet HTML 225Page - Renesas Technology Corp R8C2K Datasheet HTML 226Page - Renesas Technology Corp R8C2K Datasheet HTML 227Page - Renesas Technology Corp R8C2K Datasheet HTML 228Page - Renesas Technology Corp R8C2K Datasheet HTML 229Page - Renesas Technology Corp R8C2K Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 209 of 450
REJ09B0406-0110
j = A, B, or C
Table 16.22
Specifications of PWM2 Mode
Item
Specification
Count source
f1, f2, f4, f8, f32, fOCO40M, or external signal (rising edge) input to TRCCLK pin
Count operation
Increment TRC register
PWM waveform
PWM period: 1/fk × (m + 1) (no TRCTRG input)
Active level width: 1/fk × (n - p)
Wait time from count start or trigger: 1/fk × (p + 1)
fk: Count source frequency
m: TRCGRA register setting value
n: TRCGRB register setting value
p: TRCGRC register setting value
Count start conditions
• Bits TCEG1 to TCEG0 in the TRCCR2 register are set to 00b (TRCTRG trigger
disabled) or the CSEL bit in the TRCCR2 register is set to 0 (count continues).
1 (count starts) is written to the TSTART bit in the TRCMR register.
• Bits TCEG1 to TCEG0 in the TRCCR2 register are set to 01b, 10b, or 11b (TRCTRG
trigger enabled) and the TSTART bit in the TRCMR register is set to 1 (count starts).
A trigger is input to the TRCTRG pin
Count stop conditions
• 0 (count stops) is written to the TSTART bit in the TRCMR register while the CSEL bit in
the TRCCR2 register is set to 0 or 1.
The TRCIOB pin outputs the initial level in accordance with the value of the TOB bit in
the TRCCR1 register. The TRC register retains the value before count stops.
• The count stops due to a compare match with TRCGRA while the CSEL bit in the
TRCCR2 register is set to 1
The TRCIOB pin outputs the initial level. The TRC register retains the value before
count stops if the CCLR bit in the TRCCR1 register is set to 0. The TRC register is set
to 0000h if the CCLR bit in the TRCCR1 register is set to 1.
Interrupt request
generation timing
• Compare match (contents of TRC and TRCGRj registers match)
• The TRC register overflows
TRCIOA/TRCTRG pin
function
Programmable I/O port or TRCTRG input
TRCIOB pin function
PWM output
TRCIOC and TRCIOD pin
functions
Programmable I/O port
INT0 pin function
Programmable I/O port, pulse output forced cutoff signal input, or INT0 interrupt input
Read from timer
The count value can be read by reading the TRC register.
Write to timer
The TRC register can be written to.
Select functions
• External trigger and valid edge selected
The edge or edges of the signal input to the TRCTRG pin can be used as the PWM
output trigger: rising edge, falling edge, or both rising and falling edges
• Buffer operation (Refer to 16.3.3.2 Buffer Operation.)
• Pulse output forced cutoff signal input (Refer to 16.3.3.4 Forced Cutoff of Pulse
Output
.)
• Digital filter (Refer to 16.3.3.3 Digital Filter.)
m+1
TRCTRG input
TRCIOB output
(TRCTRG: Rising edge, active level is “H”)
n-p
n+1
p+1
p+1
n+1
n-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com