Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 283Page - Renesas Technology Corp R8C2K Datasheet HTML 284Page - Renesas Technology Corp R8C2K Datasheet HTML 285Page - Renesas Technology Corp R8C2K Datasheet HTML 286Page - Renesas Technology Corp R8C2K Datasheet HTML 287Page - Renesas Technology Corp R8C2K Datasheet HTML 288Page - Renesas Technology Corp R8C2K Datasheet HTML 289Page - Renesas Technology Corp R8C2K Datasheet HTML 290Page - Renesas Technology Corp R8C2K Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 270 of 450
REJ09B0406-0110
Figure 16.111 Operating Example of PWM Mode (Duty 0%, Duty 100%)
m
p
q
Value in TRDi register
n
m: Value set in TRDGRAi register
Set to 0 by a program
Rewrite by a program
0000h
q
Duty 0%
TRDGRBi register
IMFA bit in
TRDSRi register
1
0
IMFB bit in
TRDSRi register
1
0
TSTARTi bit in
TRDSTR register
TRDIOBi output
p (p>m)
n
Since no compare match in the TRDGRBi register is
generated, “L” is not applied to the TRDIOBi output
1
0
m
p
Value in TRDi register
n
0000h
TRDGRBi register
IMFA bit in
TRDSRi register
1
0
IMFB bit in
TRDSRi register
1
0
TSTARTi bit in
TRDSTR register
TRDIOBi output
p
n
1
0
“L” is applied to TRDIOBi output at compare match
with the TRDGRBi register with no change.
m
i = 0 or 1
The above applies under the following conditions:
The EBi bit in the TRDOER1 register is set to 0 (enable TRDIOBi output).
The POLB bit in the TRDPOCRi register is set to 0 (active level “L”).
Rewrite by a program
Set to 0 by a program
Set to 0 by a program
When compare matches with registers TRDGRAi and TRDGRBi are generated
simultaneously, the compare match with the TRDGRBi register has priority.
“L” is applied to the TRDIOBi output without any change.
Duty 100%
Set to 0 by a program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com