Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 285Page - Renesas Technology Corp R8C2K Datasheet HTML 286Page - Renesas Technology Corp R8C2K Datasheet HTML 287Page - Renesas Technology Corp R8C2K Datasheet HTML 288Page - Renesas Technology Corp R8C2K Datasheet HTML 289Page - Renesas Technology Corp R8C2K Datasheet HTML 290Page - Renesas Technology Corp R8C2K Datasheet HTML 291Page - Renesas Technology Corp R8C2K Datasheet HTML 292Page - Renesas Technology Corp R8C2K Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 272 of 450
REJ09B0406-0110
j = either A, B, C, or D
Table 16.43
Reset Synchronous PWM Mode Specifications
Item
Specification
Count sources
f1, f2, f4, f8, f32, fOCO40M
External signal input to the TRDCLK pin (valid edge selected by a
program)
Count operations
The TRD0 register is incremented (the TRD1 register is not used).
PWM waveform
PWM period
: 1/fk × (m+1)
Active level width of normal-phase : 1/fk × (m-n)
Active level width of counter-phase: 1/fk × (n+1)
fk:Frequency of count source
m:Value set in the TRDGRA0 register
n: Value set in the TRDGRB0 register (PWM1 output),
Value set in the TRDGRA1 register (PWM2 output),
Value set in the TRDGRB1 register (PWM3 output)
Count start condition
1 (count starts) is written to the TSTART0 bit in the TRDSTR register.
Count stop conditions
• 0 (count stops) is written to the TSTART0 bit in the TRDSTR register
when the CSEL0 bit in the TRDSTR register is set to 1.
The PWM output pin holds output level before the count stops
• When the CSEL0 bit in the TRDSTR register is set to 0, the count
stops at the compare match in the TRDGRA0 register.
The PWM output pin holds level after output change at compare
match.
Interrupt request generation
timing
• Compare match (the content of the TRD0 register matches content
of registers TRDGRj0, TRDGRA1, and TRDGRB1).
• The TRD0 register overflows
TRDIOA0 pin function
Programmable I/O port or TRDCLK (external clock) input
TRDIOB0 pin function
PWM1 output normal-phase output
TRDIOD0 pin function
PWM1 output counter-phase output
TRDIOA1 pin function
PWM2 output normal-phase output
TRDIOC1 pin function
PWM2 output counter-phase output
TRDIOB1 pin function
PWM3 output normal-phase output
TRDIOD1 pin function
PWM3 output counter-phase output
TRDIOC0 pin function
Output inverted every PWM period
INT0 pin function
Programmable I/O port, pulse output forced cutoff signal input, or
INT0 interrupt input
Read from timer
The count value can be read by reading the TRD0 register.
Write to timer
The value can be written to the TRD0 register.
Select functions
• The active level of normal-phase and counter-phase and initial
output level selected individually.
• Buffer operation (Refer to 16.4.2 Buffer Operation.)
• Pulse output forced cutoff signal input (Refer to 16.4.4 Pulse
Output Forced Cutoff.)
m+1
Normal-phase
n+1
(When “L” is selected as the active level)
Counter-phase
m-n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com