Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 303Page - Renesas Technology Corp R8C2K Datasheet HTML 304Page - Renesas Technology Corp R8C2K Datasheet HTML 305Page - Renesas Technology Corp R8C2K Datasheet HTML 306Page - Renesas Technology Corp R8C2K Datasheet HTML 307Page - Renesas Technology Corp R8C2K Datasheet HTML 308Page - Renesas Technology Corp R8C2K Datasheet HTML 309Page - Renesas Technology Corp R8C2K Datasheet HTML 310Page - Renesas Technology Corp R8C2K Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 290 of 450
REJ09B0406-0110
Figure 16.130 Registers TRD0 to TRD1 in Complementary PWM Mode
Figure 16.131 Registers TRDGRAi, TRDGRBi, TRDGRC1, and TRDGRDi in Complementary PWM Mode
The following registers are disabled in the complementary PWM mode: TRDPMR, TRDOCR, TRDDF0,
TRDDF1, TRDIORA0, TRDIORC0, TRDPOCR0, TRDIORA1, TRDIORC1, and TRDPOCR1.
Timer RD Counter 0
(1)
Symbol
Address
After Reset
TRD0
0147h-0146h
0000h
Setting Range
RW
NOTE:
1.
Function
Set the dead time.
Count a count source. Count operation is incremented or decremented.
When an overflow occurs, the OVF bit in the TRDSR0 register is set to 1.
0000h to FFFFh
RW
Access the TRD0 register in 16-bit units. Do not access it in 8-bit units.
b0
b7
(b8)
b0
(b15)
b7
Timer RD Counter 1
(1)
Symbol
Address
After Reset
TRD1
0157h-0156h
0000h
Setting Range
RW
NOTE:
1.
(b8)
b0
(b15)
b7
Access the TRD1 register in 16-bit units. Do not access it in 8-bit units.
b0
b7
Function
Select 0000h.
Count a count source. Count operation is incremented or decremented.
When an underflow occurs, the UDF bit in the TRDSR1 register is set to 1.
0000h to FFFFh
RW
Timer RD General Registers Ai, Bi, C1, and Di (i = 0 or 1)
(1, 2)
Symbol
Address
After Reset
TRDGRA0
TRDGRB0
TRDGRD0
TRDGRA1
TRDGRB1
TRDGRC1
TRDGRD1
0149h-0148h
014Bh-014Ah
014Fh-014Eh
0159h-0158h
015Bh-015Ah
015Dh-015Ch
015Fh-015Eh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
RW
NOTES:
1.
2.
(b8)
b0
(b15)
b7
b0
b7
The TRDGRC0 register is not used in complementary PWM mode.
RW
Function
Refer to Table 16.46 TRDGRji Register Functions in Com plem entary PWM Mode.
Access registers TRDGRAi to TRDGRDi in 16-bit units. Do not access them in 8-bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com