Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 300Page - Renesas Technology Corp R8C2K Datasheet HTML 301Page - Renesas Technology Corp R8C2K Datasheet HTML 302Page - Renesas Technology Corp R8C2K Datasheet HTML 303Page - Renesas Technology Corp R8C2K Datasheet HTML 304Page - Renesas Technology Corp R8C2K Datasheet HTML 305Page - Renesas Technology Corp R8C2K Datasheet HTML 306Page - Renesas Technology Corp R8C2K Datasheet HTML 307Page - Renesas Technology Corp R8C2K Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 287 of 450
REJ09B0406-0110
Figure 16.127 Registers TRDCR0 to TRDCR1 in Complementary PWM Mode
Timer RD Control Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDCR0
TRDCR1
0140h
0150h
00h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. Bits CKEG1 to CKEG0 are enabled w hen bits TCK2 to TCK0 are set to 101b (TRDCLK input) and the STCLK bit in the
TRDFCR register is set to 1 (external clock input enabled).
RW
CKEG1
CCLR0
RW
Set to 000b (disable clearing (free-running
operation)) in complementary PWM mode.
TRDi counter clear select bits
This setting is enabled w hen the STCLK bit in the TRDFCR register is set to 1 (external clock input enabled).
Set bits TCK2 to TCK0 and bits CKEG1 to CKEG0 in registers TRDCR0 and TRDCR1 to the same values.
b3 b2
CKEG0
b1 b0
TCK2
000
b7 b6 b5 b4
RW
RW
RW
CCLR2
CCLR1
RW
Count source select bits(2)
b2 b1 b0
0 0 0 : f1
0 0 1 : f2
0 1 0 : f4
0 1 1 : f8
1 0 0 : f32
1 0 1 : TRDCLK input(1)
1 1 0 : fOCO40M
1 1 1 : Do not set.
External clock edge select bits(2,3)
b4 b3
0 0 : Count at the rising edge
0 1 : Count at the falling edge
1 0 : Count at both edges
1 1 : Do not set.
RW
TCK1
RW
TCK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com