Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 298Page - Renesas Technology Corp R8C2K Datasheet HTML 299Page - Renesas Technology Corp R8C2K Datasheet HTML 300Page - Renesas Technology Corp R8C2K Datasheet HTML 301Page - Renesas Technology Corp R8C2K Datasheet HTML 302Page - Renesas Technology Corp R8C2K Datasheet HTML 303Page - Renesas Technology Corp R8C2K Datasheet HTML 304Page - Renesas Technology Corp R8C2K Datasheet HTML 305Page - Renesas Technology Corp R8C2K Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 285 of 450
REJ09B0406-0110
Figure 16.125 TRDFCR Register in Complementary PWM Mode
Timer RD Function Control Register
Symbol
Address
After Reset
TRDFCR
013Ah
10000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
Set the ADCAP bit in the ADC0N0 register to 1 (starts by timer RD).
When setting bits CMD1 to CMD0 to 10b or 11b, the MCU enters complementary PWM mode in spite of the setting of
the TRDPMR register.
STCLK
External clock input select bit
0 : External clock input disabled
1 : External clock input enabled
RW
RW
PWM3
RW
ADTRG
ADEG
A/D trigger edge select bit
(in complementary PWM mode)
0 : A/D trigger is generated at
compare match betw een registers
TRD0 and TRDGRA0
1 : A/D trigger is generated at underflow
in the TRD1 register
RW
PWM3 mode select bit(4)
This bit is disabled in complementary PWM
mode.
Normal-phase output level select bit
(in reset synchronous PWM mode or
complementary PWM mode)
0 : Initial output “H”
Active level “L”
1 : Initial output “L”
Active level “H”
Set bits CMD1 to CMD0 w hen both the TSTART0 and TSTART1 bits are set to 0 (count stops).
OLS0
RW
RW
Counter-phase output level select bit
(in reset synchronous PWM mode or
complementary PWM mode)
0 : Initial output “H”
Active level “L”
1 : Initial output “L”
Active level “H”
A/D trigger enable bit
(in complementary PWM mode)
0 : Disable A/D trigger
1 : Enable A/D trigger(3)
RW
CMD1
RW
Combination mode select bits(1,2)
b1 b0
1 0 : Complementary PWM mode
(transfer from the
buffer register to the general
register at the underflow in
the TRD1 register)
1 1 : Complementary PWM mode
(transfer from the
buffer register to the general
register at the compare match w ith
registers TRD0 and TRDGRA0.)
Other than above : Do not set.
CMD0
b7 b6 b5 b4
When bits CMD1 to CMD0 are set to 00b (timer mode, PWM mode, or PWM3 mode), the setting of the PWM3 bit is
enabled.
b3 b2
OLS1
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com