Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 297Page - Renesas Technology Corp R8C2K Datasheet HTML 298Page - Renesas Technology Corp R8C2K Datasheet HTML 299Page - Renesas Technology Corp R8C2K Datasheet HTML 300Page - Renesas Technology Corp R8C2K Datasheet HTML 301Page - Renesas Technology Corp R8C2K Datasheet HTML 302Page - Renesas Technology Corp R8C2K Datasheet HTML 303Page - Renesas Technology Corp R8C2K Datasheet HTML 304Page - Renesas Technology Corp R8C2K Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 284 of 450
REJ09B0406-0110
Figure 16.124 TRDMR Register in Complementary PWM Mode
Timer RD Mode Register
Symbol
Address
After Reset
TRDMR
0138h
00001110b
Bit Symbol
Bit Name
Function
RW
RW
BFC1
BFD1
TRDGRD1 register function select bit 0 : General register
1 : Buffer register of TRDGRB1 register
TRDGRC0 register function select bit Set this bit to 0 (general register) in
complementary PWM mode.
BFC0
RW
RW
TRDGRD0 register function select bit 0 : General register
1 : Buffer register of TRDGRB0 register
TRDGRC1 register function select bit 0 : General register
1 : Buffer register of TRDGRA1 register
RW
RW
—
(b3-b1)
—
Timer RD synchronous bit
Set this bit to 0 (registers TRD0 and TRD1
operate independently) in complementary
PWM mode.
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
0
b7 b6 b5 b4 b3 b2
BFD0
b1 b0
0
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com