Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 295Page - Renesas Technology Corp R8C2K Datasheet HTML 296Page - Renesas Technology Corp R8C2K Datasheet HTML 297Page - Renesas Technology Corp R8C2K Datasheet HTML 298Page - Renesas Technology Corp R8C2K Datasheet HTML 299Page - Renesas Technology Corp R8C2K Datasheet HTML 300Page - Renesas Technology Corp R8C2K Datasheet HTML 301Page - Renesas Technology Corp R8C2K Datasheet HTML 302Page - Renesas Technology Corp R8C2K Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 282 of 450
REJ09B0406-0110
i = 0 or 1, j = either A, B, C, or D
NOTE:
1. After a count starts, the PWM period is fixed.
Table 16.45
Complementary PWM Mode Specifications
Item
Specification
Count sources
f1, f2, f4, f8, f32, fOCO40M
External signal input to the TRDCLK pin (valid edge selected by a program)
Set bits TCK2 to TCK0 in the TRDCR1 register to the same value (same count
source) as bits TCK2 to TCK0 in the TRDCR0 register.
Count operations
Increment or decrement
Registers TRD0 and TRD1 are decremented with the compare match in registers
TRD0 and TRDGRA0 during increment operation. The TRD1 register value is
changed from 0000h to FFFFh during decrement operation, and registers TRD0 and
TRD1 are incremented.
PWM operations
PWM period: 1/fk × (m+2-p) × 2(1)
Dead time: p
Active level width of normal-phase: 1/fk × (m-n-p+1) × 2
Active level width of counter-phase: 1/fk × (n+1-p) × 2
fk: Frequency of count source
m: Value set in the TRDGRA0 register
n: Value set in the TRDGRB0 register (PWM1 output)
Value set in the TRDGRA1 register (PWM2 output)
Value set in the TRDGRB1 register (PWM3 output)
p: Value set in the TRD0 register
Count start condition
1 (count starts) is written to bits TSTART0 and TSTART1 in the TRDSTR register.
Count stop conditions
0 (count stops) is written to bits TSTART0 and TSTART1 in the TRDSTR register
when the CSEL0 bit in the TRDSTR register is set to 1.
(The PWM output pin holds output level before the count stops.)
Interrupt request generation
timing
• Compare match (The content of the TRDi register matches content of the TRDGRji
register.)
• The TRD1 register underflows
TRDIOA0 pin function
Programmable I/O port or TRDCLK (external clock) input
TRDIOB0 pin function
PWM1 output normal-phase output
TRDIOD0 pin function
PWM1 output counter-phase output
TRDIOA1 pin function
PWM2 output normal-phase output
TRDIOC1 pin function
PWM2 output counter-phase output
TRDIOB1 pin function
PWM3 output normal-phase output
TRDIOD1 pin function
PWM3 output counter-phase output
TRDIOC0 pin function
Output inverted every 1/2 period of PWM
INT0 pin function
Programmable I/O port, pulse output forced cutoff signal input or INT0 interrupt input
Read from timer
The count value can be read by reading the TRDi register.
Write to timer
The value can be written to the TRDi register.
Select functions
• Pulse output forced cutoff signal input (Refer to 16.4.4 Pulse Output Forced
Cutoff.
)
• The active level of normal-phase and counter-phase and initial output level
selected individually
• Transfer timing from the buffer register selected
• A/D trigger generated
n+1
Normal-phase
(When “L” is selected as the active level)
Counter-phase
m+2-p
n+1-p
p
m-p-n+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com