Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 293Page - Renesas Technology Corp R8C2K Datasheet HTML 294Page - Renesas Technology Corp R8C2K Datasheet HTML 295Page - Renesas Technology Corp R8C2K Datasheet HTML 296Page - Renesas Technology Corp R8C2K Datasheet HTML 297Page - Renesas Technology Corp R8C2K Datasheet HTML 298Page - Renesas Technology Corp R8C2K Datasheet HTML 299Page - Renesas Technology Corp R8C2K Datasheet HTML 300Page - Renesas Technology Corp R8C2K Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 280 of 450
REJ09B0406-0110
Figure 16.121 Operating Example of Reset Synchronous PWM Mode
Initial output “H”
Active level “L”
m
n
p
Value in TRD0 register
Count source
m+1
TRDIOD0 output
q
m-n
TRDIOD1 output
m: Value set in TRDGRA0 register
n: Value set in TRDGRB0 register
p: Value set in TRDGRA1 register
q: Value set in TRDGRB1 register
Active level “L”
Set to 0 by a program
TRDIOB0 output
IMFA bit in
TRDSR0 register
1
0
IMFB bit in
TRDSR0 register
1
0
IMFA bit in
TRDSR1 register
1
0
IMFB bit in
TRDSR1 register
1
0
TSTARTi bit in
TRDSTR register
1
0
n+1
TRDIOC1 output
TRDIOA1 output
m-q
m-p
TRDIOB1 output
TRDIOC0 output
p+1
Initial output “H”
i = 0 or 1
The above applies under the following conditions:
Bits OLS1 and OLS0 in the TRDFCR register are set to 0 (initial output level “H”, active level “L”).
0000h
Set to 0 by a program
Set to 0 by a program
Set to 0 by a program
Transfer from the buffer register to the
general register during buffer operation
Transfer from the buffer register to the
general register during buffer operation
q+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com