Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 290Page - Renesas Technology Corp R8C2K Datasheet HTML 291Page - Renesas Technology Corp R8C2K Datasheet HTML 292Page - Renesas Technology Corp R8C2K Datasheet HTML 293Page - Renesas Technology Corp R8C2K Datasheet HTML 294Page - Renesas Technology Corp R8C2K Datasheet HTML 295Page - Renesas Technology Corp R8C2K Datasheet HTML 296Page - Renesas Technology Corp R8C2K Datasheet HTML 297Page - Renesas Technology Corp R8C2K Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 277 of 450
REJ09B0406-0110
Figure 16.117 Registers TRDSR0 to TRDSR1 in Reset Synchronous PWM Mode
Timer RD Status Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDSR0
TRDSR1
0143h
0153h
11100000b
11000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
—
(b7-b6)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
OVF
UDF
Underflow flag(1)
This bit is disabled in reset synchronous PWM
mode.
RW
Input capture/compare match
flag C
[Source for setting this bit to 0]
Write 0 after read(2).
[Source for setting this bit to 1]
When the value in the TRDi register matches w ith
the value in the TRDGRCi register(3).
Nothing is assigned to b5 in the TRDSR0 register. When w riting to b5, w rite 0. When reading, the content is 1.
IMFC
RW
RW
Input capture/compare match
flag D
[Source for setting this bit to 0]
Write 0 after read(2).
[Source for setting this bit to 1]
When the value in the TRDi register matches w ith
the value in the TRDGRDi register(3).
Overflow flag
[Source for setting this bit to 0]
Write 0 after read(2).
[Source for setting this bit to 1]
When the TRDi register overflow s.
RW
IMFB
RW
Input capture/compare match
flag A
[Source for setting this bit to 0]
Write 0 after read(2).
[Source for setting this bit to 1]
When the value in the TRDi register matches w ith
the value in the TRDGRAi register.
Input capture/compare match
flag B
[Source for setting this bit to 0]
Write 0 after read(2).
[Source for setting this bit to 1]
When the value in the TRDi register matches w ith
the value in the TRDGRBi register.
IMFA
b7 b6 b5 b4
Including w hen the BFji bit in the TRDMR register is set to 1 (TRDGRji is used as the buffer register).
The w riting results are as follow s:
• This bit is set to 0 w hen the read result is 1 and 0 is w ritten to the same bit.
• This bit remains unchanged even if the read result is 0 and 0 is w ritten to the same bit (this bit remains
1 even if it is set to 1 from 0 after reading, and w riting 0).
• This bit remains unchanged if 1 is w ritten to it.
b3 b2
IMFD
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com