Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 292Page - Renesas Technology Corp R8C2K Datasheet HTML 293Page - Renesas Technology Corp R8C2K Datasheet HTML 294Page - Renesas Technology Corp R8C2K Datasheet HTML 295Page - Renesas Technology Corp R8C2K Datasheet HTML 296Page - Renesas Technology Corp R8C2K Datasheet HTML 297Page - Renesas Technology Corp R8C2K Datasheet HTML 298Page - Renesas Technology Corp R8C2K Datasheet HTML 299Page - Renesas Technology Corp R8C2K Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 279 of 450
REJ09B0406-0110
Figure 16.120 Registers TRDGRAi, TRDGRBi, TRDGRCi, and TRDGRDi in Reset Synchronous PWM Mode
The following registers are disabled in the reset synchronous PWM mode: TRDPMR, TRDOCR, TRDDF0,
TRDDF1, TRDIORA0, TRDIORC0, TRDPOCR0, TRDIORA1, TRDIORC1, and TRDPOCR1.
BFC0, BFD0, BFC1, BFD1: Bits in TRDMR register
Table 16.44
TRDGRji Register Functions in Reset Synchronous PWM Mode
Register
Setting
Register Function
PWM Output Pin
TRDGRA0
−
General register. Set the PWM period.
(Output inverted every PWM
period and TRDIOC0 pin)
TRDGRB0
−
General register. Set the changing point of
PWM1 output.
TRDIOB0
TRDIOD0
TRDGRC0
BFC0 = 0
(These registers are not used in reset
synchronous PWM mode.)
−
TRDGRD0
BFD0 = 0
TRDGRA1
−
General register. Set the changing point of
PWM2 output.
TRDIOA1
TRDIOC1
TRDGRB1
−
General register. Set the changing point of
PWM3 output.
TRDIOB1
TRDIOD1
TRDGRC1
BFC1 = 0
(These points are not used in reset
synchronous PWM mode.)
−
TRDGRD1
BFD1 = 0
TRDGRC0
BFC0 = 1
Buffer register. Set the next PWM period.
(Refer to 16.4.2 Buffer Operation.)
(Output inversed every PWM
period and TRDIOC0 pin)
TRDGRD0
BFD0 = 1
Buffer register. Set the changing point of
the next PWM1 output.
(Refer to 16.4.2 Buffer Operation.)
TRDIOB0
TRDIOD0
TRDGRC1
BFC1 = 1
Buffer register. Set the changing point of
the next PWM2 output.
(Refer to 16.4.2 Buffer Operation.)
TRDIOA1
TRDIOC1
TRDGRD1
BFD1 = 1
Buffer register. Set the changing point of
the next PWM3 output.
(Refer to 16.4.2 Buffer Operation.)
TRDIOB1
TRDIOD1
Timer RD General Registers Ai, Bi, Ci, and Di (i = 0 or 1)
(1)
Symbol
Address
After Reset
TRDGRA0
TRDGRB0
TRDGRC0
TRDGRD0
TRDGRA1
TRDGRB1
TRDGRC1
TRDGRD1
0149h-0148h
014Bh-014Ah
014Dh-014Ch
014Fh-014Eh
0159h-0158h
015Bh-015Ah
015Dh-015Ch
015Fh-015Eh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
RW
NOTE:
1.
RW
Function
Refer to Table 16.44 TRDGRji Register Function in Reset Synchronous PWM Mode.
Access registers TRDGRAi to TRDGRDi in 16-bit units. Do not access them in 8-bit units.
b0
b7
(b8)
b0
(b15)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com