Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 34Page - Renesas Technology Corp M32C/8B Datasheet HTML 35Page - Renesas Technology Corp M32C/8B Datasheet HTML 36Page - Renesas Technology Corp M32C/8B Datasheet HTML 37Page - Renesas Technology Corp M32C/8B Datasheet HTML 38Page - Renesas Technology Corp M32C/8B Datasheet HTML 39Page - Renesas Technology Corp M32C/8B Datasheet HTML 40Page - Renesas Technology Corp M32C/8B Datasheet HTML 41Page - Renesas Technology Corp M32C/8B Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 406 page
background image
Under development
M32C/8B Group
3. Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 21 of 385
3.
Memory
Figure 3.1 shows a memory map of the M32C/8B Group.
The M32C/8B Group has 16-Mbyte address space from addresses 000000h to FFFFFFh.
The internal ROM is allocated in lower addresses, beginning with address FFFFFFh. For example, a 256-Kbyte
internal ROM area is allocated in addresses FC0000h to FFFFFFh. The fixed interrupt vectors are allocated in
addresses FFFFDCh to FFFFFFh. They store the starting address of each interrupt routine. Refer to 11. Interrupts for
details.
The internal RAM is allocated higher addresses, beginning with address 000400h. For example, a 32-Kbyte internal
RAM area is allocated in addresses 000400h to 0083FFh. The internal RAM is used not only for storing data but for
the stacks when subroutines are called or when interrupt requests are acknowledged.
SFRs are allocated in addresses 000000h to 0003FFh. The peripheral function control registers such as for I/O ports,
A/D converters, serial interfaces, timers are allocated here. All blank spaces within SFRs are reserved and cannot be
accessed by users.
The special page vectors are allocated addresses FFFE00h to FFFFDBh. They are used for the JMPS instruction and
JSRS instruction. Refer to the Renesas publication M32C/80 Series Software Manual for details.
Figure 3.1
Memory Map
NOTES:
1. The space is used as the external space in memory expansion mode and microprocessor mode. It is reserved in single-chip mode.
2. The space is reserved in single-chip mode and memory expansion mode. It is used as the external space in microprocessor mode.
3. Additional two blocks of 4-Kbyte space are provided in the flash memory version to store data. This space is used in single-chip mode
and memory expansion mode. It is reserved in microprocessor mode.
4. This space is used as the internal ROM in single-chip mode and memory expansion mode. It is used as the external space in
microprocessor mode.
5. The watchdog timer interrupt, oscillation stop detection interrupt, and voltage monitor interrupt share the same vector.
000000h
000400h
XXXXXXh
00E000h
F00000h
YYYYYYh
FFFFFFh
FFFFFFh
FFFFDCh
FFFE00h
00FFFFh
Capacity
XXXXXXh
0083FFh
Internal RAM
32 Kbytes
Reset
Watchdog timer (5)
Address match
BRK instruction
Overflow
Undefined instruction
Special page
vector table
SFR
Internal RAM
Reserved
External space(1)
Reserved(2)
Internal ROM(4)
Internal ROM(3)
(Data space)
NMI
Capacity
YYYYYYh
Internal ROM
FE0000h
128 Kbytes
FC0000h
256 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com