Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 44Page - Renesas Technology Corp M32C/8B Datasheet HTML 45Page - Renesas Technology Corp M32C/8B Datasheet HTML 46Page - Renesas Technology Corp M32C/8B Datasheet HTML 47Page - Renesas Technology Corp M32C/8B Datasheet HTML 48Page - Renesas Technology Corp M32C/8B Datasheet HTML 49Page - Renesas Technology Corp M32C/8B Datasheet HTML 50Page - Renesas Technology Corp M32C/8B Datasheet HTML 51Page - Renesas Technology Corp M32C/8B Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 406 page
background image
Under development
M32C/8B Group
4. Special Function Registers (SFRs)
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 31 of 385
Table 4.10
SFR Address Map (10/11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
NOTES:
1.
These registers cannot be used in the 100-pin package.
2.
Set to FFh in the 100-pin package.
Address
Register
Symbol
After Reset
03A0h
03A1h
03A2h
03A3h
03A4h
03A5h
03A6h
03A7h
03A8h
03A9h
03AAh
03ABh
03ACh
03ADh
03AEh
03AFh
Function Select Register C
PSC
00X0 0000b
03B0h
Function Select Register A0
PS0
00h
03B1h
Function Select Register A1
PS1
00h
03B2h
Function Select Register B0
PSL0
00h
03B3h
Function Select Register B1
PSL1
00h
03B4h
Function Select Register A2
PS2
00X0 0000b
03B5h
Function Select Register A3
PS3
00h
03B6h
Function Select Register B2
PSL2
00X0 0000b
03B7h
Function Select Register B3
PSL3
00h
03B8h
03B9h
03BAh
03BBh
03BCh
03BDh
03BEh
03BFh
03C0h
Port P6 Register
P6
XXh
03C1h
Port P7 Register
P7
XXh
03C2h
Port P6 Direction Register
PD6
00h
03C3h
Port P7 Direction Register
PD7
00h
03C4h
Port P8 Register
P8
XXh
03C5h
Port P9 Register
P9
XXh
03C6h
Port P8 Direction Register
PD8
00X0 0000b
03C7h
Port P9 Direction Register
PD9
00h
03C8h
Port P10 Register
P10
XXh
03C9h
Port P11 Register(1)
P11
XXh
03CAh
Port P10 Direction Register
PD10
00h
03CBh
Port P11 Direction Register(1)(2)
PD11
XXX0 0000b
03CCh
Port P12 Register(1)
P12
XXh
03CDh
Port P13 Register(1)
P13
XXh
03CEh
Port P12 Direction Register(1)(2)
PD12
00h
03CFh
Port P13 Direction Register(1)(2)
PD13
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com