Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 76Page - Renesas Technology Corp M32C/8B Datasheet HTML 77Page - Renesas Technology Corp M32C/8B Datasheet HTML 78Page - Renesas Technology Corp M32C/8B Datasheet HTML 79Page - Renesas Technology Corp M32C/8B Datasheet HTML 80Page - Renesas Technology Corp M32C/8B Datasheet HTML 81Page - Renesas Technology Corp M32C/8B Datasheet HTML 82Page - Renesas Technology Corp M32C/8B Datasheet HTML 83Page - Renesas Technology Corp M32C/8B Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 406 page
background image
Under development
M32C/8B Group
8. Bus
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 63 of 385
Figure 8.13
PWCR1 Register
Symbol
PWCR1
Address
004Dh
After Reset
0001 0001b
b7 b6 b5 b4
b1
b2
b3
Page Mode Wait Control Register 1
Bit Symbol
Bit Name
RW
PWCR100
NOTE:
1. When page mode control is enabled, set the EWCRi6 bit in the EWCRi register (i = 0 to 3) to 0 (add no recovery
cycle when accessing external space i ).
b0
Function
External space 2
subsequent access
wait select bits
PWCR101
PWCR102
b2 b1 b0
0 0 1: 1 φ + 1 φ
0 1 0: 1 φ + 2 φ
0 1 1: 1 φ + 3 φ
1 0 0: 1 φ + 4 φ
Do not set to values other than the above.
PWCR103
PWCR105
RW
PWCR104
PWCR106
PWCR107
External space 2
page mode control enable bit
0: Page mode control disabled
1: Page mode control enabled(1)
External space 3
subsequent access
wait select bits
b6 b5 b4
0 0 1: 1 φ + 1 φ
0 1 0: 1 φ + 2 φ
0 1 1: 1 φ + 3 φ
1 0 0: 1 φ + 4 φ
Do not set to values other than the above.
External space 3
page mode control enable bit
0: Page mode control disabled
1: Page mode control enabled(1)
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com