Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 55Page - Renesas Technology Corp M32C/8B Datasheet HTML 56Page - Renesas Technology Corp M32C/8B Datasheet HTML 57Page - Renesas Technology Corp M32C/8B Datasheet HTML 58Page - Renesas Technology Corp M32C/8B Datasheet HTML 59Page - Renesas Technology Corp M32C/8B Datasheet HTML 60Page - Renesas Technology Corp M32C/8B Datasheet HTML 61Page - Renesas Technology Corp M32C/8B Datasheet HTML 62Page - Renesas Technology Corp M32C/8B Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 406 page
background image
Under development
M32C/8B Group
7. Processor Mode
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 42 of 385
Figure 7.2
PM1 Register
b7 b6 b5 b4
b1
b2
b3
Processor Mode Register 1(1)
Symbol
PM1
Address
0005h
Bit Symbol
Bit Name
RW
PM10
RW
b0
Function
External space mode bits(2)
PM11
RW
b1 b0
0 0: Mode 0 (A20 to A23 for P4_4 to P4_7)
0 1: Mode 1 (A20 for P4_4,
CS2 to CS0 for P4_5 to P4_7)
1 0: Mode 2 (A20 and A21 for P4_4 and P4_5,
CS1 and CS0 for P4_6 and P4_7)
1 1: Mode 3 (CS3 to CS0 for P4_4 to P4_7)
PM12
Internal memory wait bit
0: No wait state
1: 1 wait state
PM13
SFR area wait bit
PM14
PM15
Reserved bits
Set to 0
ALE pin select bits(2)
b5 b4
0 0: No ALE
0 1: P5_3(3)
1 0: P5_6
1 1: P5_4
−
(b7-b6)
RW
RW
RW
0 0
RW
RW
0: 1 wait state
1: 2 wait states
After Reset
00h
NOTES:
1. Set the PM1 register after the PRC1 bit in the PRCR register is set to 1 (write enable).
2. The PM11 and PM10 bits settings are enabled in memory expansion mode and microprocessor mode. Set bits PM01 and
PM00 after setting bits PM15 and PM14, and bits PM11 and PM10.
3. To output ALE signal from P5_3, set bits PM15 and PM14 to 01b, and bits CM01 and CM00 in the CM0 register to 00b (I/O port
P5_3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com