Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 10Page - Renesas Technology Corp M32C/8B Datasheet HTML 11Page - Renesas Technology Corp M32C/8B Datasheet HTML 12Page - Renesas Technology Corp M32C/8B Datasheet HTML 13Page - Renesas Technology Corp M32C/8B Datasheet HTML 14Page - Renesas Technology Corp M32C/8B Datasheet HTML 15Page - Renesas Technology Corp M32C/8B Datasheet HTML 16Page - Renesas Technology Corp M32C/8B Datasheet HTML 17Page - Renesas Technology Corp M32C/8B Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 406 page
background image
B - 1
Blank spaces are reserved. No access is allowed.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
41
0005h
Processor Mode Register 1
PM1
42
0006h
System Clock Control Register 0
CM0
67, 118
0007h
System Clock Control Register 1
CM1
68
0008h
0009h
Address Match Interrupt Enable Register
AIER
115
000Ah
Protect Register
PRCR
94
000Bh
External Data Bus Width Control Register
DS
44
000Ch
Main Clock Division Register
MCD
69
000Dh
Oscillation Stop Detection Register
CM2
70
000Eh
Watchdog Timer Start Register
WDTS
119
000Fh
Watchdog Timer Control Register
WDC
119
0010h
Address Match Interrupt Register 0
RMAD0
115
0011h
0012h
0013h
Processor Mode Register 2
PM2
72
0014h
Address Match Interrupt Register 1
RMAD1
115
0015h
0016h
0017h
Reference Voltage Configuration Register
DVCR
38
0018h
Address Match Interrupt Register 2
RMAD2
115
0019h
001Ah
001Bh
Voltage Monitor Register
LVDC
37
001Ch
Address Match Interrupt Register 3
RMAD3
115
001Dh
001Eh
001Fh
Voltage Regulator Control Register
VRCR
74
0020h
0021h
0022h
0023h
0024h
0025h
0026h
PLL Control Register 0
PLC0
71
0027h
0028h
Address Match Interrupt Register 4
RMAD4
115
0029h
002Ah
002Bh
002Ch
Address Match Interrupt Register 5
RMAD5
115
002Dh
002Eh
002Fh
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
Address Match Interrupt Register 6
RMAD6
115
0039h
003Ah
003Bh
003Ch
Address Match Interrupt Register 7
RMAD7
115
003Dh
003Eh
003Fh
Address
Register
Symbol
Page
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
External Space Wait Control Register 0
EWCR0
50
0049h
External Space Wait Control Register 1
EWCR1
50
004Ah
External Space Wait Control Register 2
EWCR2
50
004Bh
External Space Wait Control Register 3
EWCR3
50
004Ch
Page Mode Wait Control Register 0
PWCR0
62
004Dh
Page Mode Wait Control Register 1
PWCR1
63
004Eh
004Fh
0050h
Flash Memory Cotrol Register 3
FMR3
302
0051h
0052h
Flash Memory Cotrol Register 2
FMR2
302
0053h
0054h
0055h
Flash Memory Cotrol Register 1
FMR1
303
0056h
0057h
Flash Memory Cotrol Register 0
FMR0
303
0058h
0059h
Flash Memory Cotrol Register 4
FMR4
74
005Ah
005Bh
005Ch
005Dh
005Eh
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
DMA0 Control Register
DM0IC
103
0069h
Timer B5 Interrupt Control Register
TB5IC
006Ah
DMA2 Control Register
DM2IC
006Bh
UART2 Receive/ACK Interrupt Control
Register
S2RIC
006Ch
Timer A0 Interrupt Control Register
TA0IC
006Dh
UART3 Receive/ACK Interrupt Control
Register
S3RIC
006Eh
Timer A2 Interrupt Control Register
TA2IC
006Fh
UART4 Receive/ACK Interrupt Control
Register
S4RIC
0070h
Timer A4 Interrupt Control Register
TA4IC
0071h
UART0/UART3 Bus Conflict Detection
Interrupt Control Register
BCN0IC/
BCN3IC
0072h
UART0 Receive/ACK Interrupt Control
Register
S0RIC
0073h
A/D0 Conversion Interrput Control Register
AD0IC
0074h
UART1 Receive/ACK Interrupt Control
Register
S1RIC
0075h
0076h
Timer B1 Interrupt Control Register
TB1IC
103
0077h
0078h
Timer B3 Interrupt Control Register
TB3IC
103
0079h
007Ah
INT5 Interrupt Control Register
INT5IC
104
007Bh
007Ch
INT3 Interrupt Control Register
INT3IC
104
007Dh
007Eh
INT1 Interrupt Control Register
INT1IC
104
007Fh
Special Function Register (SFR) Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com