Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 18Page - Renesas Technology Corp M32C/8B Datasheet HTML 19Page - Renesas Technology Corp M32C/8B Datasheet HTML 20Page - Renesas Technology Corp M32C/8B Datasheet HTML 21Page - Renesas Technology Corp M32C/8B Datasheet HTML 22Page - Renesas Technology Corp M32C/8B Datasheet HTML 23Page - Renesas Technology Corp M32C/8B Datasheet HTML 24Page - Renesas Technology Corp M32C/8B Datasheet HTML 25Page - Renesas Technology Corp M32C/8B Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 406 page
background image
M32C/8B Group
1. Overview
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 5 of 385
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 1.4
Specifications (100-Pin Package) (2/2)
NOTES:
1. IEBus is a registered trademark of NEC Electronics Corporation.
2. Please contact a Renesas sales office to use optional features.
Item
Function
Specification
Serial
Interface
UART0 to UART4
Clock synchronous / asynchronous × 5
I2C bus, special mode 2, GCI mode, SIM mode
IEBus (optional)(1)(2)
A/D Converter
10-bit resolution x 26 channels (in single-chip mode)
10-bit resolution x 10 channels (in memory expansion mode and
microprocessor mode)
including sample and hold function
D/A Converter
8-bit resolution × 2 channels
CRC Calculation Circuit
CRC-CCITT (X16 + X12 + X5 + 1) compliant
X/Y Converter
16 bits x 16 bits
I/O Ports
Programmable I/O ports
• Input only: 1
• CMOS I/O:
85 (in single-chip mode)
45 (in memory expansion and microprocessor mode with 8-bit external bus)
37 (in memory expansion and microprocessor mode with 16-bit external bus)
with selectable pull-up resistor
• N channel open drain ports: 2
Flash Memory Version
• Erase and program voltage: VCC1 = VCC2 = 3.0 to 5.5 V
• Erase and program endurance: 100 times (all areas)
• Program security: ROM code protect and ID code check
• Debug functions: On-chip debug and on-board flash reprogram
Operating Frequency /
Supply Voltage
32 MHz: VCC1 = 3.0 to 5.5 V, VCC2 = 3.0 to VCC1
Current Consumption
26 mA (32 MHz / VCC1 = VCC2 = 5 V)
23 mA (32 MHz / VCC1 = VCC2 = 3.3 V)
110
μA (approx. 1 MHz / VCC1 = VCC2 = 3.3 V,
on-chip oscillator low-power consumption mode
→ wait mode)
8
μA (approx. 32 kHz / VCC1 = VCC2 = 3.3 V,
low-power consumption mode
→ wait mode)
4
μA (VCC1 = VCC2 = 3.3 V, stop mode)
Operating Ambient Temperature (
°C) -20 to 85°C, -40 to 85°C (optional)(2)
Package
100-pin LQFP (PLQP0100KB-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com