Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 46Page - Renesas Technology Corp M32C/8B Datasheet HTML 47Page - Renesas Technology Corp M32C/8B Datasheet HTML 48Page - Renesas Technology Corp M32C/8B Datasheet HTML 49Page - Renesas Technology Corp M32C/8B Datasheet HTML 50Page - Renesas Technology Corp M32C/8B Datasheet HTML 51Page - Renesas Technology Corp M32C/8B Datasheet HTML 52Page - Renesas Technology Corp M32C/8B Datasheet HTML 53Page - Renesas Technology Corp M32C/8B Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 406 page
background image
Under development
M32C/8B Group
5. Reset
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 33 of 385
5.
Reset
Hardware reset, software reset and watchdog timer reset are implemented to reset the MCU.
5.1
Hardware Reset
Pins, CPU, and SFRs are reset by using the RESET pin. When a low-level (“L”) signal is applied to the RESET pin
while the supply voltage meets the recommended operating conditions, ports and I/O pins for peripheral functions
are reset. (Refer to Table 5.1 Pin states while RESET pin is held “L”.) Also, the oscillation circuit is reset and the
main clock starts oscillating. CPU and SFRs are reset when the signal applied to the RESET pin changes from “L”
to high-level (“H”) signal, and then the MCU executes a program beginning with the address indicated by the reset
vector. The internal RAM is not reset by hardware reset. When an “L” signal is applied to the RESET pin while
writing data to the internal RAM, the value written to the internal RAM becomes undefined.
Figure 5.1 shows an example of the reset circuit. Figure 5.2 shows a reset sequence. Table 5.1 lists pin states while
the RESET pin is held “L”.
5.1.1
Reset at a Stable Supply Voltage
(1) Apply an “L” signal to the RESET pin.
(2) Input 20 clock cycles or more into the XIN pin.
(3) Apply an “H” signal to the RESET pin.
5.1.2
Power-on Reset
(1) Apply an “L” signal to the RESET pin.
(2) Increase the supply voltage until it meets the recommended operating condition.
(3) Wait for td(P-R) (internal power supply stabilization time) or more to allow the internal power supply to
stabilize.
(4) Inputs 20 clock cycles or more into the XIN pin.
(5) Apply an “H” signal to the RESET pin.
Figure 5.1
Example of Reset Circuit
VCC1
RESET
0V
VCC1
0V
RESET
Recommended
operating voltage
0.2VCC1 or below
Input td(P-R) + 20 clock cycles or more
to the XIN pin
0.2VCC1 or below
NOTE:
1. If operating at VCC1 > VCC2, VCC2 voltage must be lower than VCC1 voltage when powering up and down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com