Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 12Page - Renesas Technology Corp M32C/8B Datasheet HTML 13Page - Renesas Technology Corp M32C/8B Datasheet HTML 14Page - Renesas Technology Corp M32C/8B Datasheet HTML 15Page - Renesas Technology Corp M32C/8B Datasheet HTML 16Page - Renesas Technology Corp M32C/8B Datasheet HTML 17Page - Renesas Technology Corp M32C/8B Datasheet HTML 18Page - Renesas Technology Corp M32C/8B Datasheet HTML 19Page - Renesas Technology Corp M32C/8B Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 406 page
background image
B - 3
Blank spaces are reserved. No access is allowed.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
Page
0310h
Timer B3 Register
TB3
170
0311h
0312h
Timer B4 Register
TB4
0313h
0314h
Timer B5 Register
TB5
0315h
0316h
0317h
0318h
0319h
031Ah
031Bh
Timer B3 Mode Register
TB3MR
167, 168,
169
031Ch
Timer B4 Mode Register
TB4MR
031Dh
Timer B5 Mode Register
TB5MR
031Eh
031Fh
External Interrupt Source Select Register
IFSR
113, 205
0320h
0321h
0322h
0323h
0324h
UART3 Special Mode Register 4
U3SMR4
202
0325h
UART3 Special Mode Register 3
U3SMR3
201
0326h
UART3 Special Mode Register 2
U3SMR2
200
0327h
UART3 Special Mode Register
U3SMR
199
0328h
UART3 Transmit/Receive Mode Register
U3MR
198
0329h
UART3 Baud Rate Register
U3BRG
204
032Ah
UART3 Transmit Buffer Register
U3TB
206
032Bh
032Ch
UART3 Transmit/Receive Control Register 0
U3C0
203
032Dh
UART3 Transmit/Receive Control Register 1
U3C1
204
032Eh
UART3 Receive Buffer Register
U3RB
206
032Fh
0330h
0331h
0332h
0333h
0334h
UART2 Special Mode Register 4
U2SMR4
202
0335h
UART2 Special Mode Register 3
U2SMR3
201
0336h
UART2 Special Mode Register 2
U2SMR2
200
0337h
UART2 Special Mode Register
U2SMR
199
0338h
UART2 Transmit/Receive Mode Register
U2MR
198
0339h
UART2 Baud Rate Register
U2BRG
204
033Ah
UART2 Transmit Buffer Register
U2TB
206
033Bh
033Ch
UART2 Transmit/Receive Control Register 0
U2C0
203
033Dh
UART2 Transmit/Receive Control Register 1
U2C1
204
033Eh
UART2 Receive Buffer Register
U2RB
206
033Fh
0340h
Count Start Register
TABSR
152, 171,
188
0341h
Clock Prescaler Reset Registe
CPSRF
73
0342h
One-Shot Start Register
ONSF
153
0343h
Trigger Select Register
TRGSR
151, 184
0344h
Up/Down Flag
UDF
150
0345h
0346h
Timer A0 Register
TA0
149
0347h
0348h
Timer A1 Register
TA1
149, 187
0349h
034Ah
Timer A2 Register
TA2
149, 187
034Bh
044Ch
Timer A3 Register
TA3
149
034Dh
034Eh
Timer A4 Register
TA4
149, 187
034Fh
0350h
Timer B0 Register
TB0
170
0351h
0352h
Timer B1 Register
TB1
170
0353h
0354h
Timer B2 Register
TB2
170, 186
0355h
0356h
Timer A0 Mode Register
TA0MR
145, 146,
147, 148
0357h
Timer A1 Mode Register
TA1MR
0358h
Timer A2 Mode Register
TA2MR
0359h
Timer A3 Mode Register
TA3MR
035Ah
Timer A4 Mode Register
TA4MR
035Bh
Timer B0 Mode Register
TB0MR
167, 168,
169
035Ch
Timer B1 Mode Register
TB1MR
035Dh
Timer B2 Mode Register
TB2MR
035Eh
Timer B2 Special Mode Register
TB2SC
185
035Fh
Count Source Prescaler Register
TCSPR
73, 144
Address
Register
Symbol
Page
0360h
0361h
0362h
0363h
0364h
UART0 Special Mode Register 4
U0SMR4
202
0365h
UART0 Special Mode Register 3
U0SMR3
201
0366h
UART0 Special Mode Register 2
U0SMR2
200
0367h
UART0 Special Mode Register
U0SMR
199
0368h
UART0 Transmit/Receive Mode Register
U0MR
198
0369h
UART0 Baud Rate Register
U0BRG
204
036Ah
UART0 Transmit Buffer Register
U0TB
206
036Bh
036Ch
UART0 Transmit/Receive Control Register 0
U0C0
203
036Dh
UART0 Transmit/Receive Control Register 1
U0C1
204
036Eh
UART0 Receive Buffer Register
U0RB
206
036Fh
0370h
0371h
0372h
0373h
0374h
0375h
0376h
0377h
0378h
DMA0 Request Source Select Register
DM0SL
122
0379h
DMA1 Request Source Select Register
DM1SL
037Ah
DMA2 Request Source Select Register
DM2SL
037Bh
DMA3 Request Source Select Register
DM3SL
037Ch
CRC Data Register
CRCD
274
037Dh
037Eh
CRC Input Register
CRCIN
274
037Fh
0380h
A/D0 Register 0
AD00
257
0381h
0382h
A/D0 Register 1
AD01
0383h
0384h
A/D0 Register 2
AD02
0385h
0386h
A/D0 Register 3
AD03
0387h
0388h
A/D0 Register 4
AD04
0389h
038Ah
A/D0 Register 5
AD05
038Bh
038Ch
A/D0 Register 6
AD06
038Dh
038Eh
A/D0 Register 7
AD07
038Fh
0390h
0391h
0392h
A/D0 Control Register 4
AD0CON4
257
0393h
0394h
A/D0 Control Register 2
AD0CON2
255
0395h
A/D0 Control Register 3
AD0CON3
256
0396h
A/D0 Control Register 0
AD0CON0
253
0397h
A/D0 Control Register 1
AD0CON1
254
0398h
D/A Register 0
DA0
272
0399h
039Ah
D/A Register 1
DA1
272
039Bh
039Ch
D/A Control Register
DACON
272
039Dh
039Eh
039Fh
03A0h
03A1h
03A2h
03A3h
03A4h
03A5h
03A6h
03A7h
03A8h
03A9h
03AAh
03ABh
03ACh
03ADh
03AEh
03AFh
Function Select Register C
PSC
290
Special Function Register (SFR) Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com