Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 92Page - Renesas Technology Corp M32C/8B Datasheet HTML 93Page - Renesas Technology Corp M32C/8B Datasheet HTML 94Page - Renesas Technology Corp M32C/8B Datasheet HTML 95Page - Renesas Technology Corp M32C/8B Datasheet HTML 96Page - Renesas Technology Corp M32C/8B Datasheet HTML 97Page - Renesas Technology Corp M32C/8B Datasheet HTML 98Page - Renesas Technology Corp M32C/8B Datasheet HTML 99Page - Renesas Technology Corp M32C/8B Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 79 of 385
9.1.4
PLL Clock
The PLL frequency synthesizer generates the PLL clock by multiplying the main clock. The PLL clock can be
used as the clock source for the CPU clock and peripheral function clocks. Figure 9.13 shows the block diagram
of PLL frequency synthesizer.
Figure 9.13
PLL Frequency Synthesizer Block Diagram
The PLL clock frequency is calculated by the following equation. Table 9.3 lists the PLL clock frequency
settings examples.
Table 9.3
The PLL Clock Frequency Settings Examples
The PLL frequency synthesizer is stopped after reset. When the PLC07 bit in the PLC0 register is set to 1 (PLL
runs), the PLL frequency synthesizer starts operating. Waiting time, tsu(PLL), is required before the PLL clock
is stabilized.
Prior to entering wait mode or stop mode, set the CM17 bit in the CM1 register to 0 (main clock as CPU clock
source), and then set the PLC07 bit to 0 (PLL stops).
Figure 9.14 shows the procedure to use the PLL clock as the CPU clock source.
Main Clock
(fXIN)
PLC0 Register
PLL Clock
(fPLL)
Bits PLC05 and PLC04
Bits PLC02 to PLC00
5 MHz
01b (Divide-by-2)
100b (Multiply-by-8)
fPLL = fXIN × 1/2 × 8 = 20 MHz
10 MHz
10b (Divide-by-4)
100b (Multiply-by-8)
fPLL = fXIN × 1/4 × 8 = 20 MHz
8 MHz
01b (Divide-by-2)
100b (Multiply-by-8)
fPLL = fXIN × 1/2 × 8 = 32 MHz
16 MHz
10b (Divide-by-4)
100b (Multiply-by-8)
fPLL = fXIN × 1/4 × 8 = 32 MHz
Loop filter
NOTES:
1. The frequency after the main clock is divided by the reference clock divider is set to be from 2 MHz to 4 MHz.
2. Set the PLL clock frequency as follows: 10 MHz
≤ the PLL clock frequency ≤ 32 MHz
VCO clock divider
A
Reference clock
divider
Phase
comparator
PLL clock (fPLL)(2)
VCO clock (fVCO)
Voltage
controlled
oscillator
(VCO)
Main clock
VCO clock divider
B
(Note 1)
PLL clock frequency = Main clock frequency
×
×
Division rate of
VCO clock divider A
Division rate of
the reference clock divider
Set by bits PLC02 to PLC00
Set by bits PLC05 and PLC04
1
Division rate of
VCO clock divider B
PLC05, PLC04, and PLC02 to PLC00: Bits in the PLC0 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com