Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 41Page - Renesas Technology Corp M32C/8B Datasheet HTML 42Page - Renesas Technology Corp M32C/8B Datasheet HTML 43Page - Renesas Technology Corp M32C/8B Datasheet HTML 44Page - Renesas Technology Corp M32C/8B Datasheet HTML 45Page - Renesas Technology Corp M32C/8B Datasheet HTML 46Page - Renesas Technology Corp M32C/8B Datasheet HTML 47Page - Renesas Technology Corp M32C/8B Datasheet HTML 48Page - Renesas Technology Corp M32C/8B Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 406 page
background image
Under development
M32C/8B Group
4. Special Function Registers (SFRs)
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 28 of 385
Table 4.7
SFR Address Map (7/11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
0320h
0321h
0322h
0323h
0324h
UART3 Special Mode Register 4
U3SMR4
00h
0325h
UART3 Special Mode Register 3
U3SMR3
00h
0326h
UART3 Special Mode Register 2
U3SMR2
00h
0327h
UART3 Special Mode Register
U3SMR
00h
0328h
UART3 Transmit/Receive Mode Register
U3MR
00h
0329h
UART3 Baud Rate Register
U3BRG
XXh
032Ah
UART3 Transmit Buffer Register
U3TB
XXXXh
032Bh
032Ch
UART3 Transmit/Receive Control Register 0
U3C0
0000 1000b
032Dh
UART3 Transmit/Receive Control Register 1
U3C1
0000 0010b
032Eh
UART3 Receive Buffer Register
U3RB
XXXXh
032Fh
0330h
0331h
0332h
0333h
0334h
UART2 Special Mode Register 4
U2SMR4
00h
0335h
UART2 Special Mode Register 3
U2SMR3
00h
0336h
UART2 Special Mode Register 2
U2SMR2
00h
0337h
UART2 Special Mode Register
U2SMR
00h
0338h
UART2 Transmit/Receive Mode Register
U2MR
00h
0339h
UART2 Baud Rate Register
U2BRG
XXh
033Ah
UART2 Transmit Buffer Register
U2TB
XXXXh
033Bh
033Ch
UART2 Transmit/Receive Control Register 0
U2C0
0000 1000b
033Dh
UART2 Transmit/Receive Control Register 1
U2C1
0000 0010b
033Eh
UART2 Receive Buffer Register
U2RB
XXXXh
033Fh
0340h
Count Start Register
TABSR
00h
0341h
Clock Prescaler Reset Register
CPSRF
0XXX XXXXb
0342h
One-Shot Start Register
ONSF
00h
0343h
Trigger Select Register
TRGSR
00h
0344h
Up/Down Select Register
UDF
00h
0345h
0346h
Timer A0 Register
TA0
XXXXh
0347h
0348h
Timer A1 Register
TA1
XXXXh
0349h
034Ah
Timer A2 Register
TA2
XXXXh
034Bh
034Ch
Timer A3 Register
TA3
XXXXh
034Dh
034Eh
Timer A4 Register
TA4
XXXXh
034Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com