Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 93Page - Renesas Technology Corp M32C/8B Datasheet HTML 94Page - Renesas Technology Corp M32C/8B Datasheet HTML 95Page - Renesas Technology Corp M32C/8B Datasheet HTML 96Page - Renesas Technology Corp M32C/8B Datasheet HTML 97Page - Renesas Technology Corp M32C/8B Datasheet HTML 98Page - Renesas Technology Corp M32C/8B Datasheet HTML 99Page - Renesas Technology Corp M32C/8B Datasheet HTML 100Page - Renesas Technology Corp M32C/8B Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 80 of 385
Figure 9.14
Procedure to Use PLL Clock as CPU Clock Source
Start
End
PLC0 register: bits PLC05 and PLC04
PLC0 register: bits PLC02 to PLC00
PRCR register: PRC0 bit = 1
PLC0 register: PLC07 bit = 1
CM1 register : CM17 bit = 1
PRC0 bit = 0
Wait for tsu(PLL)
Enable writing to registers associated with clocks
CM2 register: CM21 bit = 0
CM0 register: CM07 bit = 0
Select the main clock as the CPU clock source
(Set after a main clock oscillation stabilizes)
Select the reference clock division rate for the PLL clock
Select the PLL clock multiplication factor
PLL runs
Select the PLL clock as the clock source for the CPU clock
and peripheral function clock
Disable writing to registers associated with clocks
Wait for PLL frequency synthesizer to stabilize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com