Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 97Page - Renesas Technology Corp M32C/8B Datasheet HTML 98Page - Renesas Technology Corp M32C/8B Datasheet HTML 99Page - Renesas Technology Corp M32C/8B Datasheet HTML 100Page - Renesas Technology Corp M32C/8B Datasheet HTML 101Page - Renesas Technology Corp M32C/8B Datasheet HTML 102Page - Renesas Technology Corp M32C/8B Datasheet HTML 103Page - Renesas Technology Corp M32C/8B Datasheet HTML 104Page - Renesas Technology Corp M32C/8B Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 84 of 385
9.5.1.1
Main Clock Mode
The main clock divided by 1 (no division), 2, 3, 4, 6, 8, 10, 12, 14, or 16 is used as the source for the CPU clock.
The main clock is also used as the source for fPFC. When the sub clock is running, fC32 can be used as the
count source for timer A and timer B.
9.5.1.2
PLL Mode
The PLL clock divided by 1 (no division), 2, 3, 4, 6, 8, 10, 12, 14, or 16 is used as the source for the CPU clock.
The PLL clock is also used as the source for fPFC. When the sub clock is running, fC32 can be used as the
count source for timer A and timer B.
9.5.1.3
Low-Speed Mode
The sub clock is used as the source for the CPU clock. The main clock, PLL clock, or on-chip oscillator clock
can be selected as the source for fPFC by setting bits CM17 and CM21 after the CPU clock is switched to the
sub clock using the CM07 bit. In low-speed mode, fC32 can be used as the count source for timer A and
timer B.
Out of CPU operating modes, only main clock mode and low-power consumption mode can be entered from
low-speed mode. Enter main clock mode first prior to entering different CPU operating modes other than the
low-power consumption mode.
9.5.1.4
Low-Power Consumption Mode
The MCU enters low-power consumption mode when the main clock stops in low-speed mode. The sub clock is
used as the source for the CPU clock. The on-chip oscillator clock can be selected as the source for fPFC by
setting the CM21 bit after entering low-power consumption mode. fC32 can be used as the count source for
timer A and timer B. When low-power consumption mode is entered, bits MCD4 to MCD0 in the MCD register
become 01000b (divide-by-8 mode). Therefore, when next time the CPU clock source is switched to the main
clock, the CPU clock is the main clock divided by eight. However, bits MCD4 to MCD0 do not become 01000b
if the main clock is stopped by setting the CM05 bit to 1 while the on-ship oscillator clock is selected as the
source for fPFC in low-speed mode. In this case, set bits MCD4 to MCD0 to 01000b by a program and then
switch the CPU clock source to the main clock.Figure 9.16 shows the procedure to enter low-power
consumption mode from main clock mode.
9.5.1.5
On-Chip Oscillator Mode
The on-chip oscillator clock divided by 1 (no division), 2, 3, 4, 6, 8, 10, 12, 14, or 16 is used as the source for
the CPU clock. The on-chip oscillator clock is also used as the source for fPFC. When the sub clock is running,
fC32 can be used as the count source for timer A and timer B.
9.5.1.6
On-Chip Oscillator Low-Power Consumption Mode
The MCU enters on-chip oscillator low-power consumption mode when the main clock stops in on-chip
oscillator mode. The on-chip oscillator clock divided by 1 (no division), 2, 3, 4, 6, 8, 10, 12, 14, or 16 is used as
the source for the CPU clock. The on-chip oscillator clock is also used as the source for fPFC. When the sub
clock is running, fC32 can be used as the count source for timer A and timer B.
9.5.1.7
Flash Memory Low-Speed Access
When the CPU clock frequency is 2 MHz or lower, power consumption can be reduced by setting the FMR40
bit in the FMR4 register to 1 (low-speed access). To configure low-speed access, set the FMR40 bit to 1 after
setting the CPU clock frequency to 2 MHz or lower. To set the CPU clock frequency to higher than 2 MHz,
change the frequency after setting the FMR40 bit to 0 (normal-speed access).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com