Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 99Page - Renesas Technology Corp M32C/8B Datasheet HTML 100Page - Renesas Technology Corp M32C/8B Datasheet HTML 101Page - Renesas Technology Corp M32C/8B Datasheet HTML 102Page - Renesas Technology Corp M32C/8B Datasheet HTML 103Page - Renesas Technology Corp M32C/8B Datasheet HTML 104Page - Renesas Technology Corp M32C/8B Datasheet HTML 105Page - Renesas Technology Corp M32C/8B Datasheet HTML 106Page - Renesas Technology Corp M32C/8B Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 86 of 385
Figure 9.16
Procedure to Enter Low-Power Consumption Mode From Main Clock Mode
PRCR register
PRC0 bit = 1
I flag = 1
End
Enable writing to registers associated
with clocks
Interrupt enabled
Start
PLC register
PLC07 bit = 0
PLL stops
PD8 register
PD8_7 bit = 0
PD8 register
PD8_6 bit = 0
Set ports P8_7 and P8_6 to input mode
PUR2 register
PU25 bit = 0
Not pulled up
CM0 register
CM05 bit = 1
Main clock stops
CM0 register
CM03 bit = 1
CM0 register
CM04 bit = 1
Sub clock oscillates
Wait for sub clock oscillation to stablize
CM0 register
CM07 bit = 1
Select the sub clock as the CPU clock
source
Disable writing to registers associated
with clocks
CM2 register
CM20 bit = 0
Oscillation stop detect function not used
I flag = 0
Interrupt disabled
FMR4 register = 00h
Flash memory normal-speed access
FMR4 register = 01h
PRCR register
PRC3 bit = 1
Enable writing to the VRCR register
VRCR register
MRS bit = 1
Main voltage regulator stops
PRCR register
PRC3 bit = 0
Disable writing to the VRCR register
VRCR register
MRS bit = 0
Main voltage regulator operates
PRCR register
PRC3 bit = 0
Disable writing to the VRCR register
FMR4 register = 00h
Flash memory low-speed access
Entering from main clock
mode to low-power
consumption mode
To further reduce power
consumption in low-power
consumption mode
PRCR register
PRC0 bit = 0
Processing in low-power consumption mode
CM2 register
CM21 bit = 0
Select the main clock as the CPU clock
source
Configuration to oscillate
sub clock
PM2 register
PM22 bit = 0
PM2 register
Bits PM27 and PM26 = 00b
On-chip oscillator stops
Wait for 50µs or more
Wait for main voltage regulator
to stablize
PRCR register
PRC3 bit = 1
Enable writing to the VRCR register
Entering from low-power
consumption mode to the
other modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com