Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 23Page - Renesas Technology Corp M32C/8B Datasheet HTML 24Page - Renesas Technology Corp M32C/8B Datasheet HTML 25Page - Renesas Technology Corp M32C/8B Datasheet HTML 26Page - Renesas Technology Corp M32C/8B Datasheet HTML 27Page - Renesas Technology Corp M32C/8B Datasheet HTML 28Page - Renesas Technology Corp M32C/8B Datasheet HTML 29Page - Renesas Technology Corp M32C/8B Datasheet HTML 30Page - Renesas Technology Corp M32C/8B Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 406 page
background image
M32C/8B Group
1. Overview
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 10 of 385
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 1.7
144-Pin Package List of Pin Names (2/3)
Pin
No.
Control Pin
Port
Interrupt Pin
Timer Pin
UART Pin
Analog Pin
Bus Control Pin
51
P13_4
52
P5_7
RDY
53
P5_6
ALE
54
P5_5
HOLD
55
P5_4
HLDA/ALE
56
P13_3
57
VSS
58
P13_2
59
VCC2
60
P13_1
61
P13_0
62
CLKOUT
P5_3
BCLK/ALE
63
P5_2
RD
64
P5_1
WRH/BHE
65
P5_0
WRL/WR
66
P12_7
67
P12_6
68
P12_5
69
P4_7
CS0/A23
70
P4_6
CS1/A22
71
P4_5
CS2/A21
72
P4_4
CS3/A20
73
P4_3
A19
74
VCC2
75
P4_2
A18
76
VSS
77
P4_1
A17
78
P4_0
A16
79
P3_7
A15,[A15/D15]
80
P3_6
A14,[A14/D14]
81
P3_5
A13,[A13/D13]
82
P3_4
A12,[A12/D12]
83
P3_3
A11,[A11/D11]
84
P3_2
A10,[A10/D10]
85
P3_1
A9,[A9/D9]
86
P12_4
87
P12_3
88
P12_2
89
P12_1
90
P12_0
91
VCC2
92
P3_0
A8,[A8/D8]
93
VSS
94
P2_7
AN2_7
A7,[A7/D7]
95
P2_6
AN2_6
A6,[A6/D6]
96
P2_5
AN2_5
A5,[A5/D5]
97
P2_4
AN2_4
A4,[A4/D4]
98
P2_3
AN2_3
A3,[A3/D3]
99
P2_2
AN2_2
A2,[A2/D2]
100
P2_1
AN2_1
A1,[A1/D1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com