Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 52Page - Renesas Technology Corp M32C/8B Datasheet HTML 53Page - Renesas Technology Corp M32C/8B Datasheet HTML 54Page - Renesas Technology Corp M32C/8B Datasheet HTML 55Page - Renesas Technology Corp M32C/8B Datasheet HTML 56Page - Renesas Technology Corp M32C/8B Datasheet HTML 57Page - Renesas Technology Corp M32C/8B Datasheet HTML 58Page - Renesas Technology Corp M32C/8B Datasheet HTML 59Page - Renesas Technology Corp M32C/8B Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 406 page
background image
Under development
M32C/8B Group
6. Power Supply Voltage Monitor Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 39 of 385
6.1
Operation of Voltage Monitor Function
When the VDEN bit in the LVDC register is set to 1 (voltage monitor function used), the voltage monitor function
can be used after td(E-A) has elapsed.
When the voltage applied to the VCC1 pin has dropped below Vdet(F), the VMF bit in the LVDC register becomes
0 (VCC1 < Vdet(F)) and the LVDF bit in the LVDC register becomes 1 (voltage crosses Vdet). When the voltage
applied to the VCC1 pin has risen above Vdet(R), the VMF bit becomes 1 (VCC1
≥ Vdet(R)) and the LVDF bit
becomes 1.
If the LVDIEN bit in the LVDC register is 1 (voltage monitor interrupt enabled), when the value of the VMF bit is
changed, the LVDF bit becomes 1 and a voltage monitor interrupt request is generated. The LVDF bit does not
automatically become 0 when an interrupt request is acknowledged. Set it to 0 by a program. Whether the voltage
has dropped below Vdet(F) or risen above Vdet(R) can be determined by reading the VMF bit.
The voltage monitor interrupt shares the same interrupt vector with watchdog timer interrupt and oscillation stop
detection interrupt. When using the voltage monitor interrupt simultaneously with these interrupts, determine
whether the voltage monitor interrupt is generated by reading the LVDF bit in the interrupt routine.
Figure 6.4 shows a voltage monitor function operation example.
Figure 6.4
Voltage Monitor Function Operation Example
Voltage applied to VCC1
Time
RESET
VDEN bit
VMF bit
LVDF bit
Voltage monitor
interrupt request
signal from LVDF bit
VDEN bit, LVDIEN bit, LVDF bit, and VMF bit: Bits in the LVDC register
NOTE:
1. Apply an "L" to the RESET pin when the voltage input to the VCC1 pin drops to 3.0 V or below. After the voltage rises above 3.0 V,
and the voltage of the main voltage regulator and the main clock oscillation stabilize, apply an "H" to the RESET pin.
Vdet(R)
3.0
(Note 1)
“H”
“L”
1
0
1
0
1
0
Vdet(F)
(V)
LVDIEN bit
td(E-A): Wait time to stablize circuit
1
0
Set to 0 by a program
“H”
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com