Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 56Page - Renesas Technology Corp M32C/8B Datasheet HTML 57Page - Renesas Technology Corp M32C/8B Datasheet HTML 58Page - Renesas Technology Corp M32C/8B Datasheet HTML 59Page - Renesas Technology Corp M32C/8B Datasheet HTML 60Page - Renesas Technology Corp M32C/8B Datasheet HTML 61Page - Renesas Technology Corp M32C/8B Datasheet HTML 62Page - Renesas Technology Corp M32C/8B Datasheet HTML 63Page - Renesas Technology Corp M32C/8B Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 406 page
background image
Under development
M32C/8B Group
7. Processor Mode
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 43 of 385
Figure 7.3
Memory Map in Each Processor Mode
000000h
000400h
C00000h
D00000h
E00000h
F00000h
FFFFFFh
SFR
Internal RAM
Reserved
SFR
Internal RAM
External space 3
External space 2
Reserved
Internal ROM
Internal ROM
Not used
SFR
Internal RAM
Not used
Not used
CS0
2-Mbyte
external space 3
Reserved
Internal ROM
SFR
Internal RAM
Not used
CS0
3-Mbyte
external space 3
Reserved
Internal ROM
SFR
Internal RAM
Not used
CS3 1-Mbyte
 
external space 2
Not used
CS0 1-Mbyte
 
external space 3
Reserved
Internal ROM
Single-chip mode
Mode 0
Mode 1
Mode 2
Memory expansion mode
010000h
100000h
200000h
300000h
400000h
External space 0
External space 1
CS1
2-Mbyte
external space 0(1)
CS2
2-Mbyte
external space 1
CS1
4-Mbyte
external space 0(2)
Not used
CS1 1-Mbyte
 
external space 0
CS2 1-Mbyte
 
external space 1
Block A(3)
Reserved
Block A(3)
Reserved
Block A(3)
Reserved
Block A(3)
Reserved
Block A(3)
00F000h
Mode 3
CS area controlled by the
EWCRi register (i = 0 to 3):
CS0 controlled by EWCR3
CS1 controlled by EWCR0
CS2 controlled by EWCR1
CS3 controlled by EWCR2
NOTES:
1. 200000h to 010000h =
1984 Kbytes. 64K bytes
less than 2 Mbytes.
2. 400000h to 010000h =
4032 Kbytes. 64K bytes
less than 4 Mbytes.
3. Additional two 4-Kbyte
blocks are provided in
the flash memory version
to store data.
000000h
000400h
C00000h
D00000h
E00000h
F00000h
FFFFFFh
010000h
100000h
200000h
300000h
400000h
SFR
Internal RAM
External space 3
External space 2
SFR
Internal RAM
Not used
CS0
2-Mbyte
external space 3
Not used
SFR
Internal RAM
Not used
CS0
4-Mbyte
external space 3
SFR
Internal RAM
Not used
CS3 1-Mbyte
 
external space 2
Not used
CS0 1-Mbyte
 
external space 3
Mode 0
Mode 1
Mode 2
Mode 3
External space 0
External space 1
CS1
2-Mbyte
external space 0(1)
CS2
2-Mbyte
external space 1
CS1
4-Mbyte
external space 0(2)
Not used
CS1 1-Mbyte
 
external space 0
CS2 1-Mbyte
 
external space 1
Reserved
Reserved
Reserved
Reserved
Microprocessor mode
Block B(3)
Block B(3)
Block B(3)
Block B(3)
Block B(3)
00E000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com