Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 54Page - Renesas Technology Corp M32C/8B Datasheet HTML 55Page - Renesas Technology Corp M32C/8B Datasheet HTML 56Page - Renesas Technology Corp M32C/8B Datasheet HTML 57Page - Renesas Technology Corp M32C/8B Datasheet HTML 58Page - Renesas Technology Corp M32C/8B Datasheet HTML 59Page - Renesas Technology Corp M32C/8B Datasheet HTML 60Page - Renesas Technology Corp M32C/8B Datasheet HTML 61Page - Renesas Technology Corp M32C/8B Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 406 page
background image
Under development
M32C/8B Group
7. Processor Mode
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 41 of 385
Figure 7.1
PM0 Register
b7 b6 b5 b4
b1
b2
b3
Processor Mode Register 0(1)
Symbol
PM0
Address
0004h
Bit Symbol
Bit Name
RW
PM00
After Reset
1000 0000b (CNVSS = “L”)
0000 0011b (CNVSS = “H”)
RW
b0
Function
Processor mode bits(2, 3)
PM01
RW
b1 b0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Do not set to this value
1 1: Microprocessor mode
PM02
R/W mode select bit
0: RD/BHE/WR
1: RD/WRH/WRL
PM03
Software reset bit
The MCU is reset when this bit is set to 1.
Read as 0.
PM04
PM05
Reserved bit
Set to 0
Multiplexed bus space
select bits(4)
b5 b4
0 0: Multiplexed bus is not used
0 1: Access the CS2 area using multiplexed bus
1 0: Access the CS1 area using multiplexed bus
1 1: Access all CS areas using multiplexed bus
−
(b6)
RW
RW
RW
0
RW
RW
BCLK output function select bit
0: BCLK output (5)
1: No BCLK output
PM07
RW
NOTES:
1. Set the PM0 register after the PRC1 bit in the PRCR register is set to 1 (write enable).
2. Bits PM01 and PM00 maintain values set before reset, even after software reset or watchdog timer reset has performed.
3. When using memory expansion mode or microprocessor mode, first set bits PM02, PM05 and PM04, and PM07 in the PM0
register, and also set bits PM11 and PM10, PM15 and PM14 in the PM1 register. Then, set bits PM01 and PM00.
4. The PM05 and PM04 bits setting is enabled in memory expansion mode and microprocessor mode. Set these bits in the
combination with bits PM11 and PM10 in the PM 1 register. Do not set bits PM05 and PM04 to 11b in microprocessor mode since
the MCU starts up with the separate bus after reset. Refer to the Table “Multiplexed Bus Settings and Chip-Select Areas” in
the Bus chapter.
5. No BCLK is output in single-chip mode even if the PM07 bit is set to 0.
To output BCLK from P5_3 in memory expansion mode and microprocessor mode, set the PM07 bit to 0, bits CM01 and CM00 in
the CM0 register to “00b” (I/O port P5_3), and bits PM15 and PM14 in the PM1 register to 00b, 10b, or 11b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com