Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 42Page - Renesas Technology Corp M32C/8B Datasheet HTML 43Page - Renesas Technology Corp M32C/8B Datasheet HTML 44Page - Renesas Technology Corp M32C/8B Datasheet HTML 45Page - Renesas Technology Corp M32C/8B Datasheet HTML 46Page - Renesas Technology Corp M32C/8B Datasheet HTML 47Page - Renesas Technology Corp M32C/8B Datasheet HTML 48Page - Renesas Technology Corp M32C/8B Datasheet HTML 49Page - Renesas Technology Corp M32C/8B Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 406 page
background image
Under development
M32C/8B Group
4. Special Function Registers (SFRs)
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 29 of 385
Table 4.8
SFR Address Map (8/11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
NOTE:
1.
The TCSPR register maintains values set before reset, even after software reset or watchdog timer reset has been performed.
Address
Register
Symbol
After Reset
0350h
Timer B0 Register
TB0
XXXXh
0351h
0352h
Timer B1 Register
TB1
XXXXh
0353h
0354h
Timer B2 Register
TB2
XXXXh
0355h
0356h
Timer A0 Mode Register
TA0MR
00h
0357h
Timer A1 Mode Register
TA1MR
00h
0358h
Timer A2 Mode Register
TA2MR
00h
0359h
Timer A3 Mode Register
TA3MR
00h
035Ah
Timer A4 Mode Register
TA4MR
00h
035Bh
Timer B0 Mode Register
TB0MR
00XX 0000b
035Ch
Timer B1 Mode Register
TB1MR
00XX 0000b
035Dh
Timer B2 Mode Register
TB2MR
00XX 0000b
035Eh
Timer B2 Special Mode Register
TB2SC
XXXX XXX0b
035Fh
Count Source Prescaler Register(1)
TCSPR
0XXX 0000b
0360h
0361h
0362h
0363h
0364h
UART0 Special Mode Register 4
U0SMR4
00h
0365h
UART0 Special Mode Register 3
U0SMR3
00h
0366h
UART0 Special Mode Register 2
U0SMR2
00h
0367h
UART0 Special Mode Register
U0SMR
00h
0368h
UART0 Transmit/Receive Mode Register
U0MR
00h
0369h
UART0 Baud Rate Register
U0BRG
XXh
036Ah
UART0 Transmit Buffer Register
U0TB
XXXXh
036Bh
036Ch
UART0 Transmit/Receive Control Register 0
U0C0
0000 1000b
036Dh
UART0 Transmit/Receive Control Register 1
U0C1
0000 0010b
036Eh
UART0 Receive Buffer Register
U0RB
XXXXh
036Fh
0370h
0371h
0372h
0373h
0374h
0375h
0376h
0377h
0378h
DMA0 Request Source Select Register
DM0SL
0X00 0000b
0379h
DMA1 Request Source Select Register
DM1SL
0X00 0000b
037Ah
DMA2 Request Source Select Register
DM2SL
0X00 0000b
037Bh
DMA3 Request Source Select Register
DM3SL
0X00 0000b
037Ch
CRC Data Register
CRCD
XXXXh
037Dh
037Eh
CRC Input Register
CRCIN
XXh
037Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com