Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 51Page - Renesas Technology Corp M32C/8B Datasheet HTML 52Page - Renesas Technology Corp M32C/8B Datasheet HTML 53Page - Renesas Technology Corp M32C/8B Datasheet HTML 54Page - Renesas Technology Corp M32C/8B Datasheet HTML 55Page - Renesas Technology Corp M32C/8B Datasheet HTML 56Page - Renesas Technology Corp M32C/8B Datasheet HTML 57Page - Renesas Technology Corp M32C/8B Datasheet HTML 58Page - Renesas Technology Corp M32C/8B Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 406 page
background image
Under development
M32C/8B Group
6. Power Supply Voltage Monitor Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 38 of 385
Figure 6.3
DVCR Register
b7 b6 b5 b4
b1
b2
b3
Reference Voltage Configuration Register
Symbol
DVCR
Address
0017h
Bit Symbol
Bit Name
RW
RVC0
After Reset
1000 1111b
RW
b0
Function
Reference voltage select bits(2)
RVC1
RW
RW
NOTES:
1. Set the DVCR register after setting the PRC3 bit in the PRCR register is set to 1 (write enable) while the VDEN bit in the LVDC
register is 0 (Voltage monitor function not used).
2. The detection voltage levels of Vdet(F) and Vdet(R) lists as below.
b3 b2 b1 b0
0 0 0 0 : 3.80 V
0 0 0 1 : 3.65 V
0 0 1 0 : 3.50 V
0 0 1 1 : 3.35 V
0 1 0 0 : 3.20 V
1 0 1 1 : 4.55 V
1 1 0 0 : 4.40 V
1 1 0 1 : 4.25 V
1 1 1 0 : 4.10 V
1 1 1 1 : 3.95 V
Do not set to the value other than the above.
RVC2
RVC3
Reserved bit
−
(b7)
RW
RW
1
Unimplemented.
Write 0. Read as undefined value.
−
(b6-b4)
−
Set to 1
4.55V
4.77V
4.40V
4.25V
4.10V
3.95V
3.80V
3.65V
3.50V
3.35V
3.20V
4.62V
4.47V
4.32V
4.17V
4.02V
3.87V
3.72V
3.57V
3.42V
1011b
1100b
1101b
1110b
1111b
0000b
0001b
0010b
0011b
0100b
Reference voltage
Detection voltage level
(Voltage drops)
Vdet(F)
Detection voltage level
(Voltage rises)
Vdet(R)
Bits
RVC3 to RVC0
4.55V
4.40V
4.25V
4.10V
3.95V
3.80V
3.65V
3.50V
3.35V
3.20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com