Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 38Page - Renesas Technology Corp M32C/8B Datasheet HTML 39Page - Renesas Technology Corp M32C/8B Datasheet HTML 40Page - Renesas Technology Corp M32C/8B Datasheet HTML 41Page - Renesas Technology Corp M32C/8B Datasheet HTML 42Page - Renesas Technology Corp M32C/8B Datasheet HTML 43Page - Renesas Technology Corp M32C/8B Datasheet HTML 44Page - Renesas Technology Corp M32C/8B Datasheet HTML 45Page - Renesas Technology Corp M32C/8B Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 406 page
background image
Under development
M32C/8B Group
4. Special Function Registers (SFRs)
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 25 of 385
Table 4.4
SFR Address Map (4/11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
0090h
UART0 Transmit/NACK Interrupt Control Register
S0TIC
XXXX X000b
0091h
UART1/UART4 Bus Conflict Detection Interrupt Control Register
BCN1IC/BCN4IC
XXXX X000b
0092h
UART1 Transmit/NACK Interrupt Control Register
S1TIC
XXXX X000b
0093h
Key Input Interrupt Control Register
KUPIC
XXXX X000b
0094h
Timer B0 Interrupt Control Register
TB0IC
XXXX X000b
0095h
0096h
Timer B2 Interrupt Control Register
TB2IC
XXXX X000b
0097h
0098h
Timer B4 Interrupt Control Register
TB4IC
XXXX X000b
0099h
009Ah
INT4 Interrupt Control Register
INT4IC
XX00 X000b
009Bh
009Ch
INT2 Interrupt Control Register
INT2IC
XX00 X000b
009Dh
009Eh
INT0 Interrupt Control Register
INT0IC
XX00 X000b
009Fh
Exit Priority Register
RLVL
XXXX 0000b
00A0h
to
02BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com