Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 20Page - Renesas Technology Corp M32C/8B Datasheet HTML 21Page - Renesas Technology Corp M32C/8B Datasheet HTML 22Page - Renesas Technology Corp M32C/8B Datasheet HTML 23Page - Renesas Technology Corp M32C/8B Datasheet HTML 24Page - Renesas Technology Corp M32C/8B Datasheet HTML 25Page - Renesas Technology Corp M32C/8B Datasheet HTML 26Page - Renesas Technology Corp M32C/8B Datasheet HTML 27Page - Renesas Technology Corp M32C/8B Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 406 page
background image
M32C/8B Group
1. Overview
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 7 of 385
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
1.3
Block Diagram
Figure 1.2 shows a block diagram of M32C/8B Group.
Port P0
8-bit D/A converters:
2 circuits
Serial Interface: 5 channels
X/Y converter:
16 bits
× 16 bits
CRC
calculation circuit
X16 + X12 + X5 + 1 (CCITT)
10-bit A/D converter:
1 circuit, 34 input(2)
Port P13
Port P12
Port P11
RAM
Multiplier
FLG
ISP
INTB
USP
PC
SVF
SVP
VCT
<VCC2>
<VCC1>
<VCC2>
Internal peripheral functions
Memory
R0H
R0L
R2
M32C/80 Series CPU core
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
Port P7
Watchdog timer (15 bits)
Clock generation circuits:
XIN-XOUT
XCIN-XCOUT
On-chip oscillator
PLL frequency synthesizer
DMAC: 4 channels
DMACII
Three-phase motor
control circuit
Timers (16-bit)
 Output (timer A): 5
 Input (timer B): 6
R1H
R1L
R3
FB
SB
A0
A1
8
8
8
8
8
8
8
8
8
8
5
Port P15
Port P14
Port P10
<VCC1>
8
8
7
Port P9
8
P8_5
Port P8
7
NOTES:
1. Ports P11 to P15 are provided in the 144-pin package only.
2. 34 channels are available in the 144-pin package. 26 channels are available in the 100-pin package.
(1)
(1)
(1)
(1)
(1)
ROM
Figure 1.2
M32C/8B Group Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com