Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 104Page - Renesas Technology Corp M32C/8B Datasheet HTML 105Page - Renesas Technology Corp M32C/8B Datasheet HTML 106Page - Renesas Technology Corp M32C/8B Datasheet HTML 107Page - Renesas Technology Corp M32C/8B Datasheet HTML 108Page - Renesas Technology Corp M32C/8B Datasheet HTML 109Page - Renesas Technology Corp M32C/8B Datasheet HTML 110Page - Renesas Technology Corp M32C/8B Datasheet HTML 111Page - Renesas Technology Corp M32C/8B Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 91 of 385
Figure 9.18
Procedure to Enter Stop Mode
Set an interrupt priority level of each interrupt
RLVL register: bits RLVL2 to RLVL0 = 7
Set the interrupt priority level (ILVL2 to ILVL0) of
the interrupt used to exit stop mode
I flag = 0
(1) Initial setting
Set the interrupt priority level of the interrupts,
which is not used to exit stop mode, to 0
FLG register: set IPL
Bits RLVL2 to RLVL0 = the same level as IPL
I flag = 1
CM1 register: CM10 bit = 1
(Note 2)
(2) Before entering stop mode
Stop mode
RLVL register: bits RLVL2 to RLVL0 = 7
(3) After exiting wait mode
PRCR register: PRC0 bit = 1
PRCR register: PRC1 bit = 1
CM2 register: CM20 bit = 0
(Note 1)
CM1 register: CM17 bit = 0
CM2 register: CM21 bit = 0
CM0 register: CM07 bit = 0
Select the main clock as the CPU clock source
(Set after a main clock oscillation is stabilized)
Start
End
Set the wait/stop mode exit interrupt priority level to 7.
Interrupt disabled
Set the exit interrupt priority level (RLVL2 to RLVL0)*
Enable writing to registers associated with clocks
Disable oscillation stop detect function
Interrupt enabled
All clocks stop
Set the exit priority level as soon as exiting wait mode
Set the processor interrupt priority level (IPL)*
NOTES:
1. This setting is required when the oscillation stop detect function is used.
2. Insert the jmp.b instruction as follows after the instruction to set the CM10 bit to 1.
MCD register: bits MCD4 to MCD0 = 00000b
Divide-by-16 mode
FMR4 register = 00h
FMR4 register = 01h
Flash memory low-speed access
FMR4 register = 00h
Flash memory normal-speed access
bset 0,
cm1
; all clocks stopped (stop mode)
jmp.b LABEL_001 ; jmp.b instruction executed (no instruction
LABEL_001:
; between jmp.b and LABEL.)
nop
; nop(1)
nop
; nop(2)
nop
; nop(3)
nop
; nop(4)
mov.b #0, prcr
; protection set
.
.
.
(ILVL2 to ILVL0) > IPL* = (RLVL2 to RLVL0)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com