Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 280Page - Renesas Technology Corp M32C/8B Datasheet HTML 281Page - Renesas Technology Corp M32C/8B Datasheet HTML 282Page - Renesas Technology Corp M32C/8B Datasheet HTML 283Page - Renesas Technology Corp M32C/8B Datasheet HTML 284Page - Renesas Technology Corp M32C/8B Datasheet HTML 285Page - Renesas Technology Corp M32C/8B Datasheet HTML 286Page - Renesas Technology Corp M32C/8B Datasheet HTML 287Page - Renesas Technology Corp M32C/8B Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 406 page
background image
Under development
M32C/8B Group
18. A/D Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 267 of 385
18.2
Functions
18.2.1
Resolution
The BITS bit in the AD0CON1 register determines the resolution. When the BITS bit is set to 1 (10-bit mode),
the A/D conversion result is stored into bits 9 to 0 in the AD0i register (i = 0 to 7). When the BITS bit is set to 0
(8-bit mode), the A/D conversion result is stored into bits 7 to 0 in the AD0i register.
18.2.2
Sample and Hold
When the SMP bit in the AD0CON2 register is set to 1 (with sample and hold), the A/D conversion rate per pin
increases to 28
φAD cycles for 8-bit resolution and 33 φAD cycles for 10-bit resolution. The sample and hold
function is available in all operating modes. Start A/D conversion after selecting whether the sample and hold
circuit is used or not.
18.2.3
Trigger Select Function
The TRG bit in the AD0CON0 register and the TRG0 bit in the AD0CON2 register determine a trigger to start
A/D conversion. Table 18.11 lists setting values for the trigger select function.
Table 18.11
Trigger Select Function Setting Values
NOTES:
1. A/D conversion starts when the ADST bit is set to 1 (A/D conversion starts) and a trigger is input.
2. If an external trigger or a hardware trigger (retrigger) is input during A/D conversion, the sequence of A/D
conversions in progress is aborted and starts over from the beginning.
18.2.4
DMAC Operating Mode
DMAC operating mode is available in all operating modes. To select multi-port single sweep mode or multi-
port repeat sweep mode 0, DMAC operating mode must be used. When the DUS bit in the AD0CON3 register
is set to 1 (DMAC operating mode used), all A/D conversion results are stored into the AD00 register. DMAC
transfers the result from the AD00 register to a given memory space every time A/D conversion on a single pin
is completed. 8-bit DMA transfer must be selected for 8-bit resolution and 16-bit DMA transfer for 10-bit
resolution. Refer to 13. DMAC for DMAC instructions.
When using DMAC operating mode in single sweep mode, repeat sweep mode 0, repeat sweep mode 1, multi-
port single sweep mode, or multi-port repeat sweep mode 0, do not input an external retrigger or hardware
retrigger. If a retrigger is input, the sequence of A/D conversions in progress is aborted and starts over from the
ANi_0 pin (i = none, 0, 2, 15). As a result, a pin and the conversion result of the pin transferred to the RAM do
not correspond to each other.
18.2.5
Extended Analog Input Pins
In one-shot mode and repeat mode, the ANEX0 pin or ANEX1 pin can be used as the analog input pin. These
pins can be selected using bits OPA1 and OPA0 in the AD0CON1 register. The A/D conversion result for
ANEX0 input is stored into the AD00 register, and for ANEX1 input into the AD01 register. Both results are
stored into the AD00 register when the DUS bit in the AD0CON3 register is set to 1 (DMAC operating mode
used).
Set bits APS1 and APS0 in the AD0CON2 register to 00b (AN_0 to AN_7, ANEX0, ANEX1) and the MSS bit
in the AD0CON3 register to 0 (multi-port sweep mode not used).
Bit and Setting
Trigger
AD0CON0 Register
AD0CON2 Register
TRG = 0
Software trigger
A/D conversion starts when the ADST bit in the AD0CON0
register is set to 1 by a program
TRG = 1(1)
TRG0 = 0
External trigger(2)
Falling edge of a signal applied to ADTRG
TRG0 = 1
Hardware trigger(2)
Timer B2 interrupt request of three-phase motor control timer
function (after the ICTB2 register completes counting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com