Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 285Page - Renesas Technology Corp M32C/8B Datasheet HTML 286Page - Renesas Technology Corp M32C/8B Datasheet HTML 287Page - Renesas Technology Corp M32C/8B Datasheet HTML 288Page - Renesas Technology Corp M32C/8B Datasheet HTML 289Page - Renesas Technology Corp M32C/8B Datasheet HTML 290Page - Renesas Technology Corp M32C/8B Datasheet HTML 291Page - Renesas Technology Corp M32C/8B Datasheet HTML 292Page - Renesas Technology Corp M32C/8B Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 406 page
background image
Under development
M32C/8B Group
19. D/A Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 272 of 385
Table 19.2
Pin Settings
NOTES:
1. Set the PS3 register after setting the other registers.
2. Set the PD9 or PS3 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do
not generate an interrupt or a DMA or DMACII transfer between these two instructions.
Figure 19.2
DACON Register, DA0 and DA1 Registers
Port
Function
Bit Setting
PD9 Register(2)
PSL3 Register
PS3 Register(1)(2)
P9_3
DA0 output
PD9_3=0
PSL3_3=1
PS3_3=0
P9_4
DA1 output
PD9_4=0
PSL3_4=1
PS3_4=0
D/A Control Register
Symbol
DACON
Address
039Ch
Bit Symbol
RW
DA0E
After Reset
XXXX XX00b
DA1E
(b7-b2)
RW
RW
b7 b6 b5 b4
b1
b2
b3
b0
Bit Name
Unimplemented.
Write 0. Read as undefined value.
Function
0: Output disabled
1: Output enabled
D/A0 output enable bit
D/A1 output enable bit
Symbol
DA0, DA1
Address
0398h, 039Ah
After Reset
Undefined
D/A Register i (i = 0,1)
b7
b0
Function
RW
RW
Set output value to be D/A converted.
Setting Range
00h to FFh
0: Output disabled
1: Output enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com