Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 371Page - Renesas Technology Corp H8S2245 Datasheet HTML 372Page - Renesas Technology Corp H8S2245 Datasheet HTML 373Page - Renesas Technology Corp H8S2245 Datasheet HTML 374Page - Renesas Technology Corp H8S2245 Datasheet HTML 375Page - Renesas Technology Corp H8S2245 Datasheet HTML 376Page - Renesas Technology Corp H8S2245 Datasheet HTML 377Page - Renesas Technology Corp H8S2245 Datasheet HTML 378Page - Renesas Technology Corp H8S2245 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 333 of 772
REJ09B0355-0300
Example of PWM Mode Setting Procedure
Figure 9.21 shows an example of the PWM mode setting procedure.
Select counter clock
PWM mode
Select counter clearing source
Select waveform output level
<PWM mode>
[1]
[2]
[3]
Set TGR
[4]
Set PWM mode
[5]
Start count
[6]
[1] Select the counter clock with bits TPSC2 to
TPSC0 in TCR. At the same time, select the
input clock edge with bits CKEG1 and CKEG0
in TCR.
[2] Use bits CCLR2 to CCLR0 in TCR to select
the TGR to be used as the TCNT clearing
source.
[3] Use TIOR to designate the TGR as an output
compare register, and select the initial value
and output value.
[4] Set the cycle in the TGR selected in [2], and
set the duty in the other the TGR.
[5] Select the PWM mode with bits MD3 to MD0
in TMDR.
[6] Set the CST bit in TSTR to 1 to start the count
operation.
Figure 9.21 Example of PWM Mode Setting Procedure
Examples of PWM Mode Operation
Figure 9.22 shows an example of PWM mode 1 operation.
In this example, TGRA compare match is set as the TCNT clearing source, 0 is set for the TGRA
initial output value and output value, and 1 output is set as the TGRB output value.
In this case, the value set in TGRA is used as the period, and the values set in TGRB registers as
the duty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com