Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 20Page - Renesas Technology Corp H8S2245 Datasheet HTML 21Page - Renesas Technology Corp H8S2245 Datasheet HTML 22Page - Renesas Technology Corp H8S2245 Datasheet HTML 23Page - Renesas Technology Corp H8S2245 Datasheet HTML 24Page - Renesas Technology Corp H8S2245 Datasheet HTML 25Page - Renesas Technology Corp H8S2245 Datasheet HTML 26Page - Renesas Technology Corp H8S2245 Datasheet HTML 27Page - Renesas Technology Corp H8S2245 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xxiv of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
17.7 Note on Crystal
Resonator
553
Section 17.7 added
18.6.3 Setting
Oscillation Stabilization
Time after Clearing
Software Standby Mode
Table 18.4 Oscillation
Stabilization Time
Settings
565
Table 18.4 amended
STS2 STS1 STS0 Standby Time
20
MHz
16
MHz
12
MHz
10
MHz
8
MHz
6
MHz
4
MHz
2
MHz
Unit
0
0
0
8192 states
0.41
0.51
0.68
0.821.0
1.42.0
4.1
ms
1
16384 states
0.82
1.0
1.4
1.6
2.0
2.7
4.1
8.2
1
0
32768 states
1.6
2.0
2.7
3.3
4.1
5.5
8.2
16.4
1
65536 states
3.3
4.1
5.5
6.6
8.2
10.9 16.4
32.8
1
0
0
131072 states
6.6
8.2
10.9
13.1 16.4
21.8
32.8
65.5
1
262144 states
13.1
16.4
21.8
26.2
32.8
43.7
65.5
131.1
1
0
Reserved
———
———
——
—
1
16 states
0.8
1.0
1.3
1.6
2.0
2.7
4.0
8.0
µs
18.7.1 Hardware
Standby Mode
567
Description amended
... Ensure that the RES pin is held low until the clock oscillation
stabilizes (as least t
OSC1the oscillation stabilization time ...
19.5 A/D Conversion
Characteristics
Table 19.9 A/D
Conversion
Characteristics
597
Table 19.9 amended
Condition A
Condition B
Condition C
Item
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Resolution
10
10
10
10
10
10
10
10
10
bits
Conversion time
13.1
—
—
9.8
—
—
6.5
—
—
µs
A.1 Instruction List
Table A.1 Instruction
Set
603
(1) Data Transfer Instructions
Note
* added
LDM
* STM*
Note:
* Only register ER0 to ER6 should be used when using
the STM/LDM instruction.
607
(2) Arithmetic Instructions
Note
* added
TAS
*
Note:
* Only register ER0, ER1, ER4, or ER5 should be used
when using the TAS instruction.
Table A.4 Number of
Cycles in Instruction
Execution
633
Notes
*3 and *4 added
LDM
*3
637
STM
*3 TAS*4
Notes: 3. Only register ER0 to ER6 should be used when using
the STM/LDM instruction.
4. Only register ER0, ER1, ER4, or ER5 should be used when
using the TAS instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com