Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 39Page - Renesas Technology Corp H8S2245 Datasheet HTML 40Page - Renesas Technology Corp H8S2245 Datasheet HTML 41Page - Renesas Technology Corp H8S2245 Datasheet HTML 42Page - Renesas Technology Corp H8S2245 Datasheet HTML 43Page - Renesas Technology Corp H8S2245 Datasheet HTML 44Page - Renesas Technology Corp H8S2245 Datasheet HTML 45Page - Renesas Technology Corp H8S2245 Datasheet HTML 46Page - Renesas Technology Corp H8S2245 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 1 of 772
REJ09B0355-0300
Section 1 Overview
1.1
Overview
The H8S/2245 Group is a series of microcomputers (MCUs: microcomputer units), built around
the H8S/2000 CPU, employing Renesas Technology proprietary architecture, and equipped with
peripheral functions on-chip.
The H8S/2000 CPU has an internal 32-bit architecture, is provided with sixteen 16-bit general
registers and a concise, optimized instruction set designed for high-speed operation, and can
address a 16-Mbyte linear address space. The instruction set is upward-compatible with H8/300
and H8/300H CPU instructions at the object-code level, facilitating migration from the H8/300,
H8/300L, or H8/300H Series.
On-chip peripheral functions required for system configuration include data transfer controller
(DTC) bus masters, ROM and RAM, a 16-bit timer-pulse unit (TPU), 8-bit timer, watchdog timer
(WDT), serial communication interface (SCI), A/D converter, and I/O ports.
The on-chip ROM is either PROM (ZTAT
) or mask ROM, with a capacity of 128 kbytes,
64 kbytes, or 32 kbytes. ROM is connected to the CPU via a 16-bit data bus, enabling both byte
and word data to be accessed in one state. Instruction fetching has been speeded up, and
processing speed increased.
Seven operating modes, modes 1 to 7, are provided, and there is a choice of address space and
single-chip mode or external expansion mode.
The features of the H8S/2245 Group are shown in table 1.1.
Note:
ZTAT is a registered trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com