Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 50Page - Renesas Technology Corp H8S2245 Datasheet HTML 51Page - Renesas Technology Corp H8S2245 Datasheet HTML 52Page - Renesas Technology Corp H8S2245 Datasheet HTML 53Page - Renesas Technology Corp H8S2245 Datasheet HTML 54Page - Renesas Technology Corp H8S2245 Datasheet HTML 55Page - Renesas Technology Corp H8S2245 Datasheet HTML 56Page - Renesas Technology Corp H8S2245 Datasheet HTML 57Page - Renesas Technology Corp H8S2245 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 12 of 772
REJ09B0355-0300
1.3.3
Pin Functions
Table 1.3 outlines the pin functions.
Table 1.3
Pin Functions
Pin No.
Type
Symbol
FP-100B, TFP-100B
I/O
Name and Function
Power
V
CC
40, 65, 98
Input
Power supply: All V
CC pins should be
connected to the system power
supply.
V
SS
7, 18, 31, 49, 68, 84
Input
Ground: All V
SS pins should be
connected to the system power
supply (0 V).
Clock
XTAL
66
Input
Connects to a crystal oscillator.
See section 17, Clock Pulse
Generator, for typical connection
diagrams for a crystal oscillator and
external clock input.
EXTAL
67
Input
Connects to a crystal oscillator.
The EXTAL pin can also input an
external clock.
See section 17, Clock Pulse
Generator, for typical connection
diagrams for a crystal oscillator and
external clock input.
φ
69
Output System clock: Supplies the system
clock to an external device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com