Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 40Page - Renesas Technology Corp H8S2245 Datasheet HTML 41Page - Renesas Technology Corp H8S2245 Datasheet HTML 42Page - Renesas Technology Corp H8S2245 Datasheet HTML 43Page - Renesas Technology Corp H8S2245 Datasheet HTML 44Page - Renesas Technology Corp H8S2245 Datasheet HTML 45Page - Renesas Technology Corp H8S2245 Datasheet HTML 46Page - Renesas Technology Corp H8S2245 Datasheet HTML 47Page - Renesas Technology Corp H8S2245 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 2 of 772
REJ09B0355-0300
Table 1.1
Overview
Item
Specification
CPU
• General-register machine
 Sixteen 16-bit general registers (also usable as sixteen 8-bit registers
or eight 32-bit registers)
• High-speed operation suitable for realtime control
 Maximum clock rate: 20 MHz
 High-speed arithmetic operations (20-MHz operation)
8/16/32-bit register-register add/subtract: 50 ns
16
× 16-bit register-register multiply:
1000 ns
32 ÷ 16-bit register-register divide:
1000 ns
• Instruction set suitable for high-speed operation
 Sixty-five basic instructions
 8/16/32-bit move/arithmetic instructions
 Unsigned/signed multiply and divide instructions
 Powerful bit-manipulation instructions
• Two CPU operating modes
 Normal mode:
64-kbyte address space
 Advanced mode: 16-Mbyte address space
Bus controller
• Address space divided into 8 areas, with bus specifications settable
independently for each area
• Chip select output possible for each area
• Choice of 8-bit or 16-bit access space for each area (CS0 to CS3)
• 2-state or 3-state access space can be designated for each area
• Number of program wait states can be set for each area
• Burst ROM directly connectable
• External bus release function
Data transfer
controller (DTC)
• Can be activated by internal interrupt or software
• Multiple transfers or multiple types of transfer possible for one activation
source
• Transfer possible in repeat mode, block transfer mode, etc.
• Request can be sent to CPU for interrupt that activated DTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com